Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 22Page - STMicroelectronics L9963T-TR Datasheet HTML 23Page - STMicroelectronics L9963T-TR Datasheet HTML 24Page - STMicroelectronics L9963T-TR Datasheet HTML 25Page - STMicroelectronics L9963T-TR Datasheet HTML 26Page - STMicroelectronics L9963T-TR Datasheet HTML 27Page - STMicroelectronics L9963T-TR Datasheet HTML 28Page - STMicroelectronics L9963T-TR Datasheet HTML 29Page - STMicroelectronics L9963T-TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Symbol
Parameters
Test conditions Min
Typ
Max Unit
ISO_TX_IF
Interframe delay applied by L9963T to
the transimission of two consecutive
frames stored in the TXFIFO. Must be
always greater than ISO_RX_EOF to
allow correct EOF recognition by the
L9963T receiver on the other side.
ISOFREQ = 0
(Slow ISO)
7.3
9.1
10.9
us
ISOFREQ = 1
(Fast ISO)
2.25
2.8
3.36
ISO_RX_EOF
Minimum inter-frame delay between
two consecutive received frames.
Marks the recognition of the EOF (End
Of Frame).
ISOFREQ = 0
(Slow ISO)
4.8
6
7.2
us
ISOFREQ = 1
(Fast ISO)
1.44
1.8
2.16
NMIN_ISO_WAKEUP_EDGES
Minimum number of isolated SPI
pulses that triggers a wake up.
Tested by SCAN
-
8
-
-
3.4.3
Serial Peripheral Interface (SPI)
The SPI pinout is listed in the following tables:
Table 19. L9963T Pin used as SPI
L9963T pin
SPI function
Configuration
SDI
Serial Data Input (SDI)
Digital Input
NCS
Chip Select (CS)
Digital Input. Active Low.
SCK
Serial Clock (SCK)
Digital Input.
SDO
Serial Data Out (SDO)
Digital Output
Table 20. SPI interface quick look
Parameter
Description
Single Frame Length
NBIT_PER_FRAME_RANGE
Max. Frequency
10 MHz (NSLAVE = 0), 8 MHz (NSLAVE = 1)
CPOL
‘0’ (NSLAVE = 0); CPOL (NSLAVE = 1)
CPHA
‘1’ (NSLAVE = 0); CPHA (NSLAVE = 1)
Master or Slave configuration
Slave (NSLAVE = 0); Master (NSLAVE = 1)
3.4.3.1
Electrical parameters - SPI
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tj < 105 °C
Table 21. SPI electrical parameters
Symbol
Parameters
Test conditions
Min
Typ Max Unit
Note
Parameters for L9963T SPI Slave (NSLAVE =0)
FCLK_SPI
CLK frequency (50% duty
cycle)
Application info
-
-
10
MHz -
Tcll
Minimum time CLK = LOW
Application info
42.5
-
-
ns
Allocating a 15% clock
uncertainty to the SPI Master
Tclh
Minimum time CLK = HIGH
Application info
42.5
-
-
ns
Allocating a 15% clock
uncertainty to the SPI Master
L9963T
Serial communication interface
DS13590 - Rev 4
page 26/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com