Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 27Page - STMicroelectronics L9963T-TR Datasheet HTML 28Page - STMicroelectronics L9963T-TR Datasheet HTML 29Page - STMicroelectronics L9963T-TR Datasheet HTML 30Page - STMicroelectronics L9963T-TR Datasheet HTML 31Page - STMicroelectronics L9963T-TR Datasheet HTML 32Page - STMicroelectronics L9963T-TR Datasheet HTML 33Page - STMicroelectronics L9963T-TR Datasheet HTML 34Page - STMicroelectronics L9963T-TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
3.5.2
Main oscillator monitor
The oscillator used for the main logic functionalities and digital timings is monitored with a redundant oscillator
that is electrically independent from the main one. Redundant oscillator is used just for safety purpose, in order to
check a possible drift condition.
In case a failure is detected, communication is inhibited in both directions since ISOline and SPI blocks are kept
disabled. If fault disappears, the device becomes fully functional again and any BNE Short Detection is reset,
thus re-engaging the BNE output.
Table 26. Main oscillator electrical parameters
Symbol
Parameters
Test conditions
Min
Typ
Max
Unit
FAUX_OSC
Internal redundant Oscillator frequency
15
16
17
MHz
Freq_diff
Oscillator drift detection threshold
Guaranteed by design
+/-12
-
+/-22
%
3.5.3
BNE short detection
A short to GND/VDD detection is implemented to protect the BNE output buffer. If the value forced on the BNE
output buffer differs from the one sampled by the CPOL input buffer for more than TBNE_SHORT_DET, the BNE
output buffer is put into HiZ.
Automatic re-engagement of the BNE output buffer occurs upon next Stand-by state to Normal state transition
(MCU needs to toggle DIS pin).
3.5.4
SPICLKFREQ Comparator BIST
The analog comparators used for latching SPICLKFREQ value are BISTed during Trimming & Config Latch.
In case the BIST fails, the slowest SCLK configuration is chosen (250 kHz).
MCU is supposed to implement a communication timeout mechanism able to detect slower than normal
communication bit rate.
L9963T
Safety and diagnostic features
DS13590 - Rev 4
page 31/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com