Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 35Page - STMicroelectronics L9963T-TR Datasheet HTML 36Page - STMicroelectronics L9963T-TR Datasheet HTML 37Page - STMicroelectronics L9963T-TR Datasheet HTML 38Page - STMicroelectronics L9963T-TR Datasheet HTML 39Page - STMicroelectronics L9963T-TR Datasheet HTML 40Page - STMicroelectronics L9963T-TR Datasheet HTML 41Page - STMicroelectronics L9963T-TR Datasheet HTML 42Page - STMicroelectronics L9963T-TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Table 30. SO16N (10x4x1.25 mm) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
A
-
-
1.75
A1
0.10
-
0.25
A2
1.25
-
-
b
0.31
-
0.51
c
0.17
-
0.25
D(1)(2)
9.80
9.90
10.00
E
5.80
6.00
6.20
E1(2)(3)
3.80
3.90
4.00
e
-
1.27
-
h
0.25
-
0.50
L
0.40
-
1.27
k
0
-
8
ccc
-
-
0.10
1. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15 mm in total (both side).
2. Dimensions referred to the bottom side of the package.
3. Dimension "E1" does not include interlead flash or protrusions. Interlead flash, or protrusions or shall not exceed 0.25 mm
per side.
Figure 22. Recommended footprint
Parts marked as ES are not yet qualified and therefore not approved for use in production. ST is not responsible
for any consequences resulting from such use. In no event will ST be liable for the customer using any of these
engineering samples in production. ST’s Quality department must be contacted to run a qualification activity prior
to any decision to use these engineering samples.
L9963T
SO16N (10x4x1.25 mm) package information
DS13590 - Rev 4
page 39/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com