Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 24Page - STMicroelectronics L9963T-TR Datasheet HTML 25Page - STMicroelectronics L9963T-TR Datasheet HTML 26Page - STMicroelectronics L9963T-TR Datasheet HTML 27Page - STMicroelectronics L9963T-TR Datasheet HTML 28Page - STMicroelectronics L9963T-TR Datasheet HTML 29Page - STMicroelectronics L9963T-TR Datasheet HTML 30Page - STMicroelectronics L9963T-TR Datasheet HTML 31Page - STMicroelectronics L9963T-TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Symbol
Parameters
Test conditions
Min
Typ Max Unit
Note
Thcld
SDI input hold time (time
passed after propagating SCK
edge @ SDI data “not valid
anymore” )
FCLK_SPI = 10 MHz
10
-
-
ns
20% of ½ Tclk @ 10 MHz
(Constrained by Slave spec)
Tlag
CLK toggle before NCS = high
FCLK_SPI = 8 MHz
1
-
1.51
μs
-
FCLK_SPI = 4 MHz
1
-
1.51
μs
FCLK_SPI = 1 MHz
4
-
7.72
μs
FCLK_SPI = 250 kHz
4
-
7.72
μs
Tonncs
CLK toggle before NCS = high
FCLK_SPI = 8 MHz
1
-
1.44
μs
-
FCLK_SPI = 4 MHz
1
-
1.44
μs
FCLK_SPI = 1 MHz
4
-
5.72
μs
FCLK_SPI = 250 kHz
4
-
5.72
μs
Tpchdz
NCS L/H to SDO high
impedance
Cload = 30 pF Valid for
SDO
-
-
75
ns
<< Tonncs
Tcsdv
NCS H/L to SDO active
Cload = 30 pF Valid for
SDO
-
-
75
ns
75% of Tlead important when
CPHA=0
3.4.4
Isolated Serial Peripheral Interface
The Isolated SPI interface allows units with different ground levels and/or on different boards to communicate with
each other. Physically the interface is based on twisted-pair wire.
The isolated SPI pinout is listed in the following tables:
Table 22. L9963T pins used as isolated SPI
L9963T Pin
SPI function
Configuration
ISOP
positive differential input/output
Analog Input/Output
ISOM
negative differential input/output
Analog Input/Output
Table 23. Isolated SPI quick look
Parameter
Description
Protocol
Half-Duplex / Out of frame
Max. Bit-rate
2.66 Mbps (high speed configuration, ISOFREQ = 1)
333 kbps (low speed configuration, ISOFREQ = 0, default if pin is left floating)
The transmission line on the isolated SPI exploits a single twisted pair. Communication data is transmitted/
received over a pulse-shaped signal, in a half-duplex protocol.
Line bit rate can be selected by programming the ISOFREQ device pin.
A single bit is made of a pulse time (TPULSE) followed by two pause slices (2TPULSE):
•
TPULSE = 2TBIT_HIGH_LOW_FAST for the high speed configuration (ISOFREQ = 1)
•
TPULSE = 2TBIT_HIGH_LOW_SLOW for the low speed configuration (ISOFREQ = 0)
L9963T
Serial communication interface
DS13590 - Rev 4
page 28/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com