Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 4 Page - STMicroelectronics

  L9963T-TR Datasheet HTML 1Page - STMicroelectronics L9963T-TR Datasheet HTML 2Page - STMicroelectronics L9963T-TR Datasheet HTML 3Page - STMicroelectronics L9963T-TR Datasheet HTML 4Page - STMicroelectronics L9963T-TR Datasheet HTML 5Page - STMicroelectronics L9963T-TR Datasheet HTML 6Page - STMicroelectronics L9963T-TR Datasheet HTML 7Page - STMicroelectronics L9963T-TR Datasheet HTML 8Page - STMicroelectronics L9963T-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Pin #
Type
Local/
Global
Active
Description
TXEN/CPHA
NSLAVE = 1 → CPHA Digital
Input
Local
-
SPI Clock Phase selection input.
Latched during Trimming & Config Latch.
Connect either to VDD (CPHA = 1) or to GND (CPHA =
0).
Internally pulled up (active).
Input filtered with RC filter having fCUT_DIG_IN cut
frequency.
SPICLKFREQ
Analog Input
Local
-
SPI Master Clock selection.
Latched during Trimming & Config Latch.
Leave open to set minimum frequency. Connect a pull
down resistor to set a higher frequency.
Input filtered with RC filter having fCUT_DIG_IN cut
frequency.
ISOLATED SPI
ISOP
Analog Input/Output
Global
-
Isolated SPI Positive terminal
ISOM
Analog Input/Output
Global
-
Isolated SPI Negative terminal
TXAMP
Digital Input
Local
-
Isolated SPI TX amplitude selection.
Set low to select low amplitude/low threshold. Set high to
select high amplitude/high threshold.
Internally pulled up with a 100 kΩ resistor.
ISOFREQ
Digital Input
Local
-
Isolated SPI operating frequency selection.
Pull high to set high frequency.
Pull down to set low frequency.
Internally pulled down (active).
DISABLE
DIS
Digital Input/Output (Open
Drain)
Local
High
Transceiver Disable Input.
Pull it up with external resistor connected to VIO. When
DIS is high, L9963 enters in low power mode. When DIS
is low, L9963T is enabled and working in Normal mode.
It can be either pulled-down by the MCU to enable the
unit, or pulled down internally when a wakeup condition
occurs, in order to interrupt the MCU.
Pin is internally pulled up with 100 kΩ resistor.
Input filtered with RC filter having fCUT_DIG_IN cut
frequency.
L9963T
Pin description
DS13590 - Rev 4
page 4/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com