Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 8Page - STMicroelectronics L9963T-TR Datasheet HTML 9Page - STMicroelectronics L9963T-TR Datasheet HTML 10Page - STMicroelectronics L9963T-TR Datasheet HTML 11Page - STMicroelectronics L9963T-TR Datasheet HTML 12Page - STMicroelectronics L9963T-TR Datasheet HTML 13Page - STMicroelectronics L9963T-TR Datasheet HTML 14Page - STMicroelectronics L9963T-TR Datasheet HTML 15Page - STMicroelectronics L9963T-TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
The internal pull-down guarantees a limp home operation in low frequency in case of pin-loss.
Figure 6. ISOFREQ pin structure
3.2.1.5
BNE/CPOL
BNE/CPOL is a digital input/output pin whose configuration depends on the value of NSLAVE latched during
Trimming & Config Latch:
•
When NSLAVE = 0 (Slave configuration), this pin acts as BNE (Buffer Not Empty) digital output and its
purpose is to implement interrupt based communication with the MCU. When asserted high, it means that
the RX queue stores at least one frame.
•
When NSLAVE = 1 (Master configuration), this pin acts as digital input for the selection of CPOL (Clock
POLarity):
–
CPOL = 0 (shorted to GND) implies that the clock inactive level (when NCS is high) is low.
–
CPOL = 1 (shorted to VDD) implies that the clock inactive level (when NCS is high) is high.
The internal pull-down is always enabled during Trimming & Config Latch and in Normal state.
The BNE output buffer is disabled if NSLAVE = 1 has been latched during Trimming & Config Latch. The CPOL
input buffer is permanently enabled.
In case NSLAVE = 0 has been latched during Trimming & Config Latch, BNE output buffer is kept enabled
while in Normal state. A short to GND/VDD detection is implemented to protect the BNE output buffer. If the
value forced on the BNE output buffer differs from the one sampled by the CPOL input buffer for more than
TBNE_SHORT_DET, the BNE output buffer is put into HiZ. Automatic re-engagement of the BNE output buffer occurs
upon next wakeup sequence (MCU needs to toggle DIS pin).
L9963T
Pin configuration
DS13590 - Rev 4
page 12/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com