Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 5 Page - STMicroelectronics

  L9963T-TR Datasheet HTML 1Page - STMicroelectronics L9963T-TR Datasheet HTML 2Page - STMicroelectronics L9963T-TR Datasheet HTML 3Page - STMicroelectronics L9963T-TR Datasheet HTML 4Page - STMicroelectronics L9963T-TR Datasheet HTML 5Page - STMicroelectronics L9963T-TR Datasheet HTML 6Page - STMicroelectronics L9963T-TR Datasheet HTML 7Page - STMicroelectronics L9963T-TR Datasheet HTML 8Page - STMicroelectronics L9963T-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
2
Product electrical and thermal ratings
2.1
Supply ranges
Figure 3 lists the product power supply ranges:
•
Within the range of functionality the part operates as specified and without parameter deviations. All the
functionalities and the electrical parameters are guaranteed.
•
If either the upper or the lower limited operating range is reached, the device may not operate properly.
Only a limited set of functionalities and electrical parameters are guaranteed. However, neither damage nor
parameter deviation occurs, and the device will operate properly once returned to the range of functionality.
•
If AMR are violated, permanent damage or parametric deviation may occur.
Figure 3. Supply ranges
AMR Violation
Permanent
failure may
occur
VDD < -0.3 V
VIO < -0.3 V
Lower Limited
Operating Range
Functionality is not
guaranteed
- 0.3 V < VDD < 4.5 V
-0.3 V < VIO < 3.0 V
Range of
functionality
Params are
guaranteed
4.5 V < VDD < 5.5 V
3.0 V < VIO < 5.5 V
Upper Limited
Operating Range
Params may be out
of spec
5.5 V < VDD < 6.5 V
5.5 V < VIO < 6.5 V
AMR Violation
Permanent
failure may
occur
VDD > 6.5 V
VIO > 6.5 V
Note:
all voltages are related to the potential at substrate ground GND.
2.2
Operating range
Table 2. Pin operating range
Pin
Condition
Min Typ Max Unit
VDD
Supply pin
4.5
-
5.5
V
VIO
Digital Output Buffers supply pin
3.0
-
5.5
V
DIS, ISOFREQ, BNE/CPOL, TXAMP, TXEN/CPHA, NSLAVE
Digital I/Os
0
-
VIO
V
|ISOP + ISOM| / 2
Isolated SPI Common Mode Voltage
1
1.2
1.4
V
|ISOP – ISOM|
Isolated SPI Differential Voltage
0
-
2.5
V
SDO, SCK, SDI, NCS
SPI pins
0
-
VIO
V
SPICLKFREQ
Analog Input
0
-
VDD
V
Note:
all voltages are related to the potential at substrate ground GND.
L9963T
Product electrical and thermal ratings
DS13590 - Rev 4
page 5/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com