Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 3Page - STMicroelectronics L9963T-TR Datasheet HTML 4Page - STMicroelectronics L9963T-TR Datasheet HTML 5Page - STMicroelectronics L9963T-TR Datasheet HTML 6Page - STMicroelectronics L9963T-TR Datasheet HTML 7Page - STMicroelectronics L9963T-TR Datasheet HTML 8Page - STMicroelectronics L9963T-TR Datasheet HTML 9Page - STMicroelectronics L9963T-TR Datasheet HTML 10Page - STMicroelectronics L9963T-TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
2.6
Power mangement
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: -40 °C < Tj <
125 °C
Table 6. Power management
Symbol
Parameter
Condition
Min Typ Max Unit
Power Supply VDD
VVDD
Supply Voltage
FullyOperational
4.5
-
5.5
V
IVDD(NORMAL_COMM)
Supply Current
NormalMode, DIS = 0 and continuos communication
-
9
14
mA
IVDD(NORMAL)
Supply Current
NormalMode, DIS = 0
5
6.5
8
mA
IVDD(SLEEP)
Supply Current
Sleep Mode, DIS = 1
-
-
64
μA
Power Supply VIO
VVIO
Supply Voltage
3.0
-
5.5
V
IVIO(NORMAL_COMM) VIO Supply Current
NormalMode, DIS = 0 and continuous communication
Design info
-
-
12
mA
IVIO(NORMAL)
VIO Supply Current NormalMode, DIS = 0
1.5 2.5
3.5
mA
IVIO(SLEEP)
VIO Supply Current Sleep Mode, DIS = 1
-
-
1
μA
To optimize power consumption, the device selectively disables unnecessary peripherals according to FSM state
and NSLAVE pin value latched at first power up.
Table 7. Device configuration according to NSLAVE pin
FSM STATE
TRIMMING AND
CONFIG
STAND-BY
NORMAL
Resource
NSLAVE not
latched
NSLAVE latched
but don’t care
NSLAVE = 0 (SPI
Slave)
NSLAVE = 1 (SPI
Master)
Main Oscillator Monitor
Disabled
Disabled
Enabled
V3V3_MAIN Monitor
Disabled
Disabled
Enabled
V3V3_STBY Monitor
Disabled
Disabled
Enabled
BG STBY
Enabled
Enabled
Enabled
BG Main (STBY Monitor)
Disabled
Disabled
Enabled
SDO Output Buffer
Disabled
Disabled
Enabled only when NCS is active
SCK Output Buffer
Disabled
Disabled
Disabled
Enabled
SCK Input Buffer
Disabled
Disabled
Enabled
SDI Input Buffer
Disabled
Disabled
Enabled
NCS Output Buffer
Disabled
Disabled
Disabled
Enabled
NCS Input Buffer
Disabled
Disabled
Enabled
BNE/CPOL Output Buffer
Disabled
Disabled
Enabled
Disabled
BNE/CPOL Input Buffer
Enabled
Disabled
Enabled
Enabled
NSLAVE Input Buffer
Enabled
Disabled
Disabled
TXEN/CPHA Input Buffer
Enabled
Disabled
Enabled
Disabled
SPICLKFREQ Input Comparators
Enabled
Disabled
Disabled
ISOP TX
Disabled
Disabled
Enabled
L9963T
Power mangement
DS13590 - Rev 4
page 7/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com