Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE322520F-R47MP2 Datasheet (PDF) - Murata Manufacturing Co., Ltd

DFE322520F-R47MP2 Datasheet PDF - Murata Manufacturing Co., Ltd
Part # DFE322520F-R47MP2
Download  DFE322520F-R47MP2 Download
File Size   303.91 Kbytes
Page   9 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Reference Specifications

DFE322520F-R47MP2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFE322520F-R47MP2 Datasheet PDF - Murata Manufacturing Co., Ltd

Part # DFE322520F-R47MP2
Download  DFE322520F-R47MP2 Click to download

File Size   303.91 Kbytes
Page   9 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Reference Specifications

DFE322520F-R47MP2 Datasheet (HTML) - Murata Manufacturing Co., Ltd


DFE322520F-R47MP2 Product details

Unit Mass(Typical value)
0.0913 g
Inductance : Measured with a LCR meter 4284A(KEYSIGHT) or equivalent.(Test Freq. 1MHz、Level 0.5V)




Similar Part No. - DFE322520F-R47MP2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE322510C TOKO-DFE322510C Datasheet
80Kb / 1P
Metal Alloy Inductors
DFE322510C TOKO-DFE322510C_16 Datasheet
224Kb / 1P
Metal Alloy Inductors
DFE322512C TOKO-DFE322512C Datasheet
80Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE322512C MURATA-DFE322512C Datasheet
218Kb / 1P
The use of Flat wire for Low DC resistance
logo
TOKO, Inc
DFE322512C TOKO-DFE322512C_16 Datasheet
225Kb / 1P
Metal Alloy Inductors
More results


Similar Description - DFE322520F-R47MP2

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
logo
Freescale Semiconductor...
MCF51EM256 FREESCALE-MCF51EM256_1 Datasheet
90Kb / 3P
MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_2 Datasheet
89Kb / 3P
MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
logo
Silicon Laboratories
AN699 SILABS-AN699 Datasheet
1Mb / 6P
FPGA REFERENCE CLOCK PHASE JITTER SPECIFICATIONS
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com