Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE322520F-R47MP2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # DFE322520F-R47MP2
Description  Reference Specifications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DFE322520F-R47MP2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  DFE322520F-R47MP2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Reference Only
Spec No.J(E)TE243A-0040B-01
1/9
外形寸法
Physical Dimensions
■部品質量(参考値)
Unit Mass(Typical value)
0.0913 g
※製品本体への表示はありません。
No Marking
単位
Unit : mm
優先言語
Priority language
優先言語は日本語とする。
Let a priority language be Japanese.
参考図
Reference Specifications
型名
Type
DFE322520F
MURATA MFG.CO., LTD.


Similar Part No. - DFE322520F-R47MP2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE322510C TOKO-DFE322510C Datasheet
80Kb / 1P
Metal Alloy Inductors
DFE322510C TOKO-DFE322510C_16 Datasheet
224Kb / 1P
Metal Alloy Inductors
DFE322512C TOKO-DFE322512C Datasheet
80Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE322512C MURATA-DFE322512C Datasheet
218Kb / 1P
The use of Flat wire for Low DC resistance
logo
TOKO, Inc
DFE322512C TOKO-DFE322512C_16 Datasheet
225Kb / 1P
Metal Alloy Inductors
More results

Similar Description - DFE322520F-R47MP2

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
logo
Freescale Semiconductor...
MCF51EM256 FREESCALE-MCF51EM256_1 Datasheet
90Kb / 3P
MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_2 Datasheet
89Kb / 3P
MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
logo
Silicon Laboratories
AN699 SILABS-AN699 Datasheet
1Mb / 6P
FPGA REFERENCE CLOCK PHASE JITTER SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com