Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE322520F-R47MP2 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

Part # DFE322520F-R47MP2
Description  Reference Specifications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DFE322520F-R47MP2 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  DFE322520F-R47MP2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Reference Only
Spec No.J(E)TE243A-0040B-01
4/9
項 目
Item
規 格
Specification
条 件
Condition
8 耐寒性
初期値に対する
温度-40±3℃中に 500±12時間放置後常温常湿中に
Low temperature
Lの変化率 ± 10%以内
1時間放置し、1時間以内に測定。
Change from an initial value
The specimen shall be stored at a temperature of -40±3℃
L :
within ± 10%
for 500±12 h. Then it shall be stabilized under standard
atmospheric conditions for 1 h before measurement.
Measurement shall be made within 1 h.
9 耐熱性
初期値に対する
温度+125±2℃中に 500±12時間放置後常温常湿中に
Dry heat
Lの変化率 ± 10%以内
1時間放置し、1時間以内に測定。
Change from an initial value
The specimen shall be stored at a temperature of 125±2℃
L :
within ± 10%
for 500±12 h. Then it shall be stabilized under standard
atmospheric conditions for 1 h before measurement.
Measurement shall be made within 1 h.
10 耐湿性
初期値に対する
温度60±2℃、湿度90~95%中に 500±12時間放置後
Damp heat
Lの変化率 ± 10%以内
常温常湿中に1時間放置し、1時間以内に測定。
Change from an initial value
The specimen shall be stored at a temperature of 60±2℃
L :
within ± 10%
with relative humidity of 90~95% for 500±12 h. Then it shall be
stabilized under standard atmospheric conditions for 1 h
before measurement. Measurement shall be made within 1 h.
11 温度サイクル
初期値に対する
-40℃(30分)→常温(2分以内)→125℃(30分)→常温
Temperature cycle
Lの変化率 ± 10%以内
(2分以内)を1サイクルとし、これを 500サイクル行い、
常温常湿中に1時間放置し、1時間以内に測定。
Change from an initial value
The specimen shall be subjected to 500 continuous cycles
L :
within ±10%
of temperature change of -40℃ for 30 min and 125℃ for
30 min with the transit period of 2min or less. Then it shall be
stabilized under standard atmospheric conditions for 1 h
before measurement. Measurement shall be made within 1 h.
12 温度特性
インダクタンス温度係数
温度-40~+125℃の間で測定。
Temperature drift
1000 ppm/℃ 以下
Inductance temperature coefficient
To be measured in the range of -40℃ to 125℃.
1000 ppm/℃ or less
13 使用温度範囲
-40 ~ +125℃
自己温度上昇(⊿T=40℃ max.) を含む.
Operating temperature
Including self temperature rise(⊿T=40℃ max.)
range
14 保存温度範囲
-40 ~ +85℃
Storage temperature
range
DFE322520F Type 一般仕様 General Specifications ( 2/3 )
MURATA MFG.CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com