Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE322520F-R47MP2 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

Part # DFE322520F-R47MP2
Description  Reference Specifications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DFE322520F-R47MP2 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  DFE322520F-R47MP2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Reference Only
Spec No.J(E)TE243A-0040B-01
5/9
標準状態
Standard atmospheric conditions
特に指定が無い限り、測定は常温(温度 5~35℃)、常湿(湿度45~85%)、常気圧(気圧86~106kPa)にて行う。
ただし、判定に疑義を生じた場合は温度20±2℃、湿度65±5%、気圧86~106kPaにて行う。
Unless otherwise specified, the standard range of atmospheric conditions in making measurements and test as follows;
Ambient temperature : 5℃ to 35℃ , Relative humidity : 45% to 85% ,
Air pressure : 86kPa to 106kPa
If more strict measurement is required, measurement shall be made within following limits;
Ambient temperature : 20±2℃ ,
Relative humidity : 65±5% ,
Air pressure : 86kPa to 106kPa
リフローはんだ条件
Reflow soldering condition
*リフロー回数
: 2回まで
Reflow times : 2 times max
*リフロー炉の熱源には、遠赤外線を推奨致します。
熱源としてハロゲンランプを使用されますと、輻射熱が
高く、耐熱範囲を超える場合があり推奨できません。
We recommend infrared ray as heat source of reflow bath.
However halogen lamp shall be used, side heat will be beyond
range of resistance heat, so we can’t recommend it.
推奨パターン図
Recommended PCB pattern
単位
Unit : mm
DFE322520F Type 一般仕様 General Specifications ( 3/3 )
MURATA MFG.CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com