Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE322520F-R47MP2 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # DFE322520F-R47MP2
Description  Reference Specifications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DFE322520F-R47MP2 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  DFE322520F-R47MP2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Reference Only
Spec No.J(E)TE243A-0040B-01
2/9
Value
(μH)
(1)インダクタンス
: LCRメータ 4284A(KEYSIGHT)または同等品により測定。(測定周波数 1MHz 、レベル 0.5V)
Inductance
:
Measured with a LCR meter 4284A(KEYSIGHT) or equivalent.(Test Freq. 1MHz、Level 0.5V)
(2)直流抵抗
: 抵抗計 3541(HIOKI)または同等品により測定。
DC Resistance
:
Measured with a Resistance Hitester 3541(HIOKI) or equivalent.
(3)定格電流
: 定格電流(インダクタンス変化に基づく場合)又は定格電流(温度上昇に基づく場合)の
何れか小さい方の直流電流値とします。
Rated Current
:
Value defined when DC current flows and Rated Current (Based on Inductance change)
or when DC current flows and Rated Current (Based on Temperature rise) whichever is smaller.
・定格電流
: 定格電流(インダクタンス変化に基づく場合)とはインダクタンスが初期値より30%低下した時の
(インダクタンス変化に基づく場合)
電流値。
:
The saturation allowable DC current value is specified when the decrease of the
(Based on Inductance change)
initial Inductance value at 30%.
・定格電流
: 定格電流(温度上昇に基づく場合)とは、試験基板(6層基板)に実装したインダクタに直流を
(温度上昇に基づく場合)
  流した時の製品温度上昇が 40℃ に達する電流値。
・
Rated Current
:
Rated Current (Based on Temperature rise) is specified when temperature of the
(Based on Temperature rise)
inductor on our PCB(6 layers) for test purpose is raised 40℃ by DC current.
(4)絶対最大電圧
: 絶対最大電圧は20V DC です。
Withstand voltage
:
Withstand voltage 20V DC.
*特に指定がない限り、測定は標準状態で行う。
 
Unless otherwise specified, measurements are the standard atmospheric condition.
(%)
・
Rated Current
DFE322520F-1R0M=P2
±20
19
インダクタンス
Inductance
公称値
許容差
DC
5.2
6.7
(A) (Max.)
40
29
Rated Current
Temperature rise
3.3
5.4
4.4
Based on
0.47
Part No.
直流抵抗
DFE322520F-2R2M=P2
±20
2.2
1.5
1.0
定格電流
Resistance
定格電流
DFE322520F-1R5M=P2
±20
(温度上昇に基づく
場合)
(A) (Max.)
6.0
4.0
(インダクタンス変
化に基づく場合)
DFE322520F Type 電気的個別性能 Electrical specifications
Tolerance
部 品 番 号
Customer's Part No.
品 番
±20
8.5
DFE322520F-R47M=P2
MURATA MFG.CO., LTD.
Nominal
Rated Current
Inductance Change
(mΩ) (Max.)
Based on
16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com