Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE322520F-R47MP2 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # DFE322520F-R47MP2
Description  Reference Specifications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DFE322520F-R47MP2 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  DFE322520F-R47MP2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd DFE322520F-R47MP2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Reference Only
Spec No.J(E)TE243A-0040B-01
3/9
項 目
Item
規 格
Specification
条 件
Condition
1 たわみ強度
初期値に対する
矢印の方向に曲げ幅 2mmになるまで毎秒約 0.5mmの速さで
Bending test
Lの変化率 ± 10%以内
加圧し 30±5秒間保持する。
Change from an initial value
Apply pressure gradually in the direction of the arrow at a rate of about
L :
within ± 10%
0.5mm/s until bent depth reaches 2mm and hold for 30±5 s.
基板
Board : 40 × 100mm
厚さ
Thickness : 1.0mm
2 固着強度
初期値に対する
R0.5の押し治具を使用して、矢印の方向に
Adhesion strength
Lの変化率 ± 10%以内
静荷重を加え60±5秒間保持する。
測定は、荷重を取り去った後に行なう。
Change from an initial value
A static load using a R0.5 pressing tool shall be applied
L :
within ±10%
to the body of the specimen in the direction of the arrow and
shall be hold for 60±5 s. Measure after removing pressure.
3 耐振性
初期値に対する
掃引の割合 10~55~10Hz/分、全振幅 1.5mm
Vibration
Lの変化率 ± 10%以内
X・Y・Z 方向に各 2時間(計 6時間)加える。
Change from an initial value
The specimen shall be subjected to a vibration of 1.5mm
L :
within ± 10%
amplitude, sweep frequency 10~55Hz(10Hz to 55Hz to 10Hz
in a period of one minute) for 2 h in each of 3(X, Y, Z) axes.
4 耐衝撃性
初期値に対する
加速度
Peak acceleration
:
1962 m/s2
Mechanical shock
Lの変化率 ± 10%以内
作用時間
Duration of pulse : 6 ms
3方向に各 3回(計 9回)
:
3 times in each of 3(X, Y, Z) axes.
Change from an initial value
Three successive shock shall be applied in the perpendicular
L :
within ±10%
direction of each surface of the specimen.
5 自由落下試験
初期値に対する
供試品を取り付けた試験基板を、質量 500g の治具に
Free fall test
Lの変化率 ± 10%以内
取り付け,高さ 100cm から堅い木版上に、互いに垂直
な3方向に、各3回(計 9回)自然落下させる。
Change from an initial value
The specimen must be fixed on test board. It must be equipped with
L :
within ±10%
instruments of which weight is 500g. Then it shall be fallen freely
from 100cm height to rigid wood 3 times in each of three axes.
6 はんだ付け性
浸漬した電極面の 90%
電極に常温にてフラックスを塗布し下記条件にて
Solder ability
以上新しいはんだで覆わ
プリヒート後試料全体をはんだ槽に浸漬する。
れている事。
New solder shall cover
Electrode shall be immersed in flux at room temperature
90% minimum of the surface
and then shall be immersed in solder bath after preheat.
immersed.
・はんだ付け
Soldering
245±5℃ , 3±0.5s
7 はんだ耐熱性
初期値に対する
試験方法
Test method
Resistance to
Lの変化率 ± 10%以内
リフローはんだ
Reflow soldering method
soldering heat
・プリヒート
Preheat
150~180℃ , 90±30 s
・ピーク温度
Peak temp.
250(+5,-0)℃
( 230℃min , 30±10 s )
試料を板厚
0.8mmガラスエポキシ基板に置き、上記
条件にてリフロー炉を
2回通す。
Change from an initial value
The specimen shall be subjected to the reflow process
L :
within ± 10%
under the above condition 2 times.
Test board shall be 0.8 mm thick. Base material shall
be glass epoxy resin.
測定
Measurement
常温常湿中に1時間放置後測定。
The specimen shall be stored at standard atmospheric
conditions for 1 h in prior to the measurement.
DFE322520F Type 一般仕様 General Specifications ( 1/3 )
MURATA MFG.CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com