Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet (PDF) - Renesas Technology Corp

DA9155M Datasheet PDF - Renesas Technology Corp
Part # DA9155M
Download  DA9155M Download
File Size   702.33 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 A Companion Charger for Rapid Charging

DA9155M Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9155M Datasheet PDF - Renesas Technology Corp

Part # DA9155M
Download  DA9155M Click to download

File Size   702.33 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 A Companion Charger for Rapid Charging

DA9155M Datasheet (HTML) - Renesas Technology Corp


DA9155M Product details

General Description
DA9155M offers a small solution that can be easily added on to existing main charger circuits and solves the heat dissipation problem created when the rapid charging feature is adopted. DA9155M is compatible to all rapid charging technologies using high voltage input.
DA9155M features a Buck converter capable of 2.5 A constant output current and regulates the output current with ±5 % accuracy for single cell Li-Ion batteries. Current sensing is performed with a fully integrated circuit.
The peak efficiency of the Buck converter is 92 %.
Key Features
■ Input voltage 4.3 V to 13.5 V
■ Input voltage monitoring
■ Buck converter with output current regulation
□ Output current 2.5 A
□ ±5 % current regulation accuracy
□ Selectable switching frequency
■ Fault detection (VIN and VBAT monitoring)
■ Safety timer
■ Junction temperature monitoring
■ -40 °C to +85 °C temperature range
■ WLCSP, 0.4 mm pitch
Applications
■ Companion charger in smartphone and tablet
platforms
■ Companion charger for all single cell Li-Ion
battery powered devices




Similar Part No. - DA9155M

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9155M DIALOG-DA9155M Datasheet
961Kb / 36P
2.5 A Companion Charger for rapid charging
More results


Similar Description - DA9155M

ManufacturerPart #DatasheetDescription
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
VRC4172TM COMPANION CHIP FOR VR4121TM
logo
California Micro Device...
CM2006 CALMIRCO-CM2006 Datasheet
143Kb / 6P
VGA Port Companion Circuit For Monitors
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
Dialog Semiconductor
DA9155M DIALOG-DA9155M Datasheet
961Kb / 36P
2.5 A Companion Charger for rapid charging
logo
Texas Instruments
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
logo
Hotchip Technology Co.,...
HT4349Q HOTCHIP-HT4349Q Datasheet
996Kb / 6P
A linear charging mode of the largest A linear charging mode. charging current can be passed.
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
logo
TE Connectivity Ltd
2399992 TEC-2399992 Datasheet
614Kb / 2P
KIT ASSEMBLY, PLUG DOCKING, CHARGER AMR CHARGING CONNECTOR
Rev . A
logo
Silicon Mitus, Inc.
SM5440 SILICONMITUS-SM5440 Datasheet
162Kb / 2P
A Very High Efficiency Switched Capacitor 9A Charger with 13-bit ADC for Fast Charging
July 2021 Rev. 1.0.0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com