Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 4Page - Renesas Technology Corp DA9155M Datasheet HTML 5Page - Renesas Technology Corp DA9155M Datasheet HTML 6Page - Renesas Technology Corp DA9155M Datasheet HTML 7Page - Renesas Technology Corp DA9155M Datasheet HTML 8Page - Renesas Technology Corp DA9155M Datasheet HTML 9Page - Renesas Technology Corp DA9155M Datasheet HTML 10Page - Renesas Technology Corp DA9155M Datasheet HTML 11Page - Renesas Technology Corp DA9155M Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
8 of 37
© 2022 Renesas Electronics
5
Absolute Maximum Ratings
Table 4 lists the absolute maximum ratings of the device. Stressing the device beyond these ratings may cause permanent
damage to the device. Functionality of the device is only guaranteed in conditions listed in sections 6 and 7. Operating the
device in conditions exceeding those listed in sections 6 and 7, but still complying with the absolute maximum ratings listed in
Table 4, for extended periods of time may affect device reliability.
Table 4: Absolute Maximum Ratings
Parameter
Symbol
Note
Min
Max
Unit
Storage temperature
-60
+150
°C
Operating temperature
TA
-40
+85
°C
Terminal voltage
(referenced to PGND,
unless otherwise noted)
VIN
The device is not operational
above VIN_OVLO.
-0.3
20
V
VLX
-0.3
VIN
V
BOOT
-0.3
VLX+5.5
V
VBATP
Referenced to VBATN
-0.3
6
V
All other
terminals
Referenced to AGND
-0.3
5.5
V
ESD tolerance
HBM
2
kV
6
Recommended Operating Conditions
Table 5: Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Operating temperature
TA
-40
+85
°C
Supply voltage
VIN
4.3
13.5
V
Supply voltage IO
VDDIO
1.5
3.6
V
Thermal resistance (junction to ambient) Note 1
θJA
37.42
ºC/W
Note 1
Multilayer JEDEC standard, still air, ambient temperature 27 ºC, simulated value
7
Electrical Characteristics
7.1
Digital I/O
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VIN = 4.3 to 13.5 V, VBAT = 2.6 to 4.4 V
Table 6: Digital I/O
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input high voltage
(EN, SCL, SDA)
VIH
0.7 ×
VDDIO
V
Input low voltage
(EN, SCL, SDA)
VIL
0.3 ×
VDDIO
V
Output low voltage
(nIRQ, SDA)
VOL
0.3
V
Input capacitance
(SCL, SDA)
CIN
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com