Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 22Page - Renesas Technology Corp DA9155M Datasheet HTML 23Page - Renesas Technology Corp DA9155M Datasheet HTML 24Page - Renesas Technology Corp DA9155M Datasheet HTML 25Page - Renesas Technology Corp DA9155M Datasheet HTML 26Page - Renesas Technology Corp DA9155M Datasheet HTML 27Page - Renesas Technology Corp DA9155M Datasheet HTML 28Page - Renesas Technology Corp DA9155M Datasheet HTML 29Page - Renesas Technology Corp DA9155M Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
26 of 37
© 2022 Renesas Electronics
11.2 Register Descriptions
11.3 Page 0
11.3.1
Page Control
PAGE_CTRL_0 (0x000)
Field
Slice
Description
REVERT
7:7
0: PAGE maintains its value until re-written
1: PAGE reverts to 0 after one access
WRITE_MODE
6:6
Behavior upon sequential write accesses over the 2-wire
interface
0: Write data to consecutive addresses
1: Write data to arbitrary addresses using address-data pairs
PAGE
5:0
Top 6 bits of the register address.
11.3.2
Status and Events
STATUS_A (0x001)
Field
Slice
Description
S_EN_BLOCK
7:7
A status bit in STATUS_A is blocking the buck from being
enabled.
S_VIN_OV
6:6
VIN overvoltage comparator status
S_VIN_DROP
5:5
VIN DROP comparator status
S_VIN_UV
4:4
VIN undervoltage comparator status
S_VBAT_OV
3:3
VBAT overvoltage comparator status
S_VBAT_UV
2:2
VBAT undervoltage comparator status.
S_TJUNC_CRIT
1:1
TJUNC CRIT comparator status
S_TJUNC_WARN
0:0
TJUNC_WARN comparator status
STATUS_B (0x002)
Field
Slice
Description
Reserved
8:3
S_BUCK_ILIM
2:2
Status (debounced) of the peak current comparator.
S_EN_PIN
1:1
Status of the EN pin.
MODE
0:0
DA9155M mode: disabled (0) or active (1).
EVENT_A (0x003)
Field
Slice
Description
E_EN_BLOCK
7:7
An enable signal was blocked. The reason for the blocking
can be read out from the STATUS_A register.
E_VIN_OV
6:6
VIN exceeded the VIN_OVLO threshold.
E_VIN_DROP
5:5
VIN dropped below the VIN_DROP threshold.
E_VIN_UV
4:4
VIN dropped below the VIN_UVLO threshold.
E_VBAT_OV
3:3
The battery voltage exceeded the VBAT_OV threshold.
E_VBAT_UV
2:2
The battery voltage dropped below the VBAT_UV threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com