Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 18Page - Renesas Technology Corp DA9155M Datasheet HTML 19Page - Renesas Technology Corp DA9155M Datasheet HTML 20Page - Renesas Technology Corp DA9155M Datasheet HTML 21Page - Renesas Technology Corp DA9155M Datasheet HTML 22Page - Renesas Technology Corp DA9155M Datasheet HTML 23Page - Renesas Technology Corp DA9155M Datasheet HTML 24Page - Renesas Technology Corp DA9155M Datasheet HTML 25Page - Renesas Technology Corp DA9155M Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
22 of 37
© 2022 Renesas Electronics
VBUS, in which case the undervoltage lockout is too low to detect a weak supply. By default, VIN_DROP
is set to the same voltage as the VIN_UVLO, which effectively disables the VIN_DROP.
The status of the VIN monitoring comparators can be read out from the status registers (S_VIN_UV,
S_VIN_OV, S_VIN_DROP).
10.6 VBAT Monitoring
The VBAT monitoring is illustrated in Figure 18. The slave charger has to monitor the battery voltage in
case of fault conditions during charging, meaning that battery over- and undervoltage have to be
detected.
DA9155M features two factory programmable settings for handling the monitoring:
1. An overvoltage or undervoltage event triggers an event (E_VBAT_OV, E_VBAT_UV) and the
BUCK_EN register is de-asserted. Resuming normal operation requires that VBAT is within normal
range and the events are cleared. The supervision of the battery voltage VBAT is done by
comparators.
2. An overvoltage or undervoltage event does not disable the Buck converter. Only the status
registers are updated (default).
The VBAT monitoring status comparators can always be read out from the status registers
(S_VBAT_UV, S_VBAT_OV).
10.7 Junction Temperature Supervision
To protect DA9155M from damage due to excessive power dissipation the junction temperature is
monitored continuously. The monitoring is split into three temperature ranges TJUNC_WARN (125 °C),
TJUNC_CRIT (140 °C), and TJUNC_POR (150 °C).
If the junction temperature rises above the first threshold (TJUNC_WARN), the event
E_TJUNC_WARN is asserted. If the event is not masked, this will fire an interrupt. This first level of
temperature supervision is intended for non-invasive temperature control, where the necessary
measures for cooling the system down are left to the host software. The status of the TJUNC_WARN
comparator can be read from S_TJUNC_WARN. The interrupt is only generated when the
temperature crosses the threshold from low to high. After the interrupt, the application processor can
read out the comparator status to detect when the temperature drops below the threshold.
If the junction temperature continues to rise and crosses the second threshold (TJUNC_CRIT), an event
is fired (E_TJUNC_CRIT), the BUCK_EN is de-asserted, and DA9155M moves to the disabled
mode. Resuming normal operation requires that TJUNC drops below TJUNC_CRIT and the event is
cleared.
There is also a third temperature threshold (TJUNC_POR) which causes DA9155M to enter the reset
mode. DA9155M stays in the reset mode as long as the junction temperature is above TJUNC_CRIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com