Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 26Page - Renesas Technology Corp DA9155M Datasheet HTML 27Page - Renesas Technology Corp DA9155M Datasheet HTML 28Page - Renesas Technology Corp DA9155M Datasheet HTML 29Page - Renesas Technology Corp DA9155M Datasheet HTML 30Page - Renesas Technology Corp DA9155M Datasheet HTML 31Page - Renesas Technology Corp DA9155M Datasheet HTML 32Page - Renesas Technology Corp DA9155M Datasheet HTML 33Page - Renesas Technology Corp DA9155M Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
30 of 37
© 2022 Renesas Electronics
11.3.7
Interface
INTERFACE (0x011)
Field
Slice
Description
IF_BASE_ADDR
7:1
Slave address of DA9155M.
Reserved
0:0
CONFIG_A (0x012)
Field
Slice
Description
VDDIO_CONF
7:6
VDDIO monitoring threshold.
00: 1.5 V
01: 1.8 V
10: 3.3 V
11: 3.6 V
I2C_EXTEND_EN
5:5
Enable PAGE decoding from the 3 LSBs of the incoming slave
address.
0: DA9155M responds normally to the I2C slave address
programmed in IF_BASE_ADDR. The register map page is
changed by writing to the PAGE register.
1: DA9155M will respond to multiple the slave addresses and
decode the PAGE from the 3 LSBs.
IF_BASE_ADDR[7:4] + 0: PAGE = 0x00
IF_BASE_ADDR[7:4] + 1: PAGE = 0x02
IF_BASE_ADDR[7:4] + 2: PAGE = 0x04
IF_BASE_ADDR[7:4] + 3: PAGE = 0x06.
2W_TO
4:4
Enable 35 ms timeout for the 2-wire interface.
2W_IF_HSM
3:3
Puts the 2-wire interface permanently in high-speed mode.
Reserved
2:2
IRQ_LEVEL
1:1
Selects the polarity of nIRQ: active low (0) or active high (1).
IRQ_TYPE
0:0
Select the type of nIRQ output: open-drain (0) or push-pull (1).
11.3.8
Configuration
CONFIG_B (0x013)
Field
Slice
Description
OSC_FRQ
7:4
Oscillator frequency tuning:
0000: no tune
0001: +200 kHz
0010: +400 kHz
0011: +600 kHz
0100: +800 kHz
0101: +1000 kHz
0110: +1200 kHz
0111: no tune
1000: no tune
1001: -200 kHz
1010: -400 kHz
1011: -600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com