Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 8Page - Renesas Technology Corp DA9155M Datasheet HTML 9Page - Renesas Technology Corp DA9155M Datasheet HTML 10Page - Renesas Technology Corp DA9155M Datasheet HTML 11Page - Renesas Technology Corp DA9155M Datasheet HTML 12Page - Renesas Technology Corp DA9155M Datasheet HTML 13Page - Renesas Technology Corp DA9155M Datasheet HTML 14Page - Renesas Technology Corp DA9155M Datasheet HTML 15Page - Renesas Technology Corp DA9155M Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
12 of 37
© 2022 Renesas Electronics
Start condition hold time
tH_STA
160
ns
SCL low time
tSCL_LO
160
ns
SCL high time
tSCL_HI
60
ns
2-wire SCL and SDA
rise/fall time
tR
160
ns
Data setup time
tSU_D
10
ns
Data hold-time
tH_D
0
ns
Stop condition setup
time
tSU_STO
160
ns
Note 4
Minimum clock frequency is 10 kHz if 2W_TO is enabled
7.5
Temperature Supervision
Unless otherwise noted, the following is valid for VIN = 4.3 to 13.5 V, VBAT = 2.6 to 4.4 V
Table 11: Temperature Supervision
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
POR temperature
threshold
TJUNC_POR
150
°C
Critical temperature
threshold
TJUNC_CRIT
140
°C
Warning temperature
threshold
TJUNC_WARN
Rising threshold
TJUNC_WARN=0xB
125
°C
Rising threshold
TJUNC_WARN=0x0
70
°C
7.6
VBAT Monitoring
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC
Table 12: VBAT Monitoring
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Overvoltage
threshold
VBAT_OV
Rising threshold, VBAT_OV =
0x3C
5.1
V
Rising threshold, VBAT_OV =
0x20
4.4
V
Rising threshold, VBAT_OV =
0x00
3.6
V
Undervoltage
threshold
VBAT_UV
Falling threshold, VBAT_UV =
0x32
3.25
V
Falling threshold, VBAT_UV =
0x18
2.6
V
Falling threshold, VBAT_UV =
0x0
2.0
V
VBAT monitoring
hysteresis
VBAT_MON_HYS
1.5%
VBAT_UV accuracy
VBAT_UV_ACC
-3%
+3%
VBAT_OV accuracy
VBAT_OV_ACC
-1.6%
+1.6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com