Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 24Page - Renesas Technology Corp DA9155M Datasheet HTML 25Page - Renesas Technology Corp DA9155M Datasheet HTML 26Page - Renesas Technology Corp DA9155M Datasheet HTML 27Page - Renesas Technology Corp DA9155M Datasheet HTML 28Page - Renesas Technology Corp DA9155M Datasheet HTML 29Page - Renesas Technology Corp DA9155M Datasheet HTML 30Page - Renesas Technology Corp DA9155M Datasheet HTML 31Page - Renesas Technology Corp DA9155M Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
28 of 37
© 2022 Renesas Electronics
N=0xF,0x10,...,0x1D: VIN_DROP=5.0+((N-0xE)×0.2) V
N=0x1E,0x1F,...,0x27: VIN_DROP=8.0+((N-0x1D)×0.1) V
N=0x28,0x29,...,0x31: VIN_DROP=9.0+((N-0x27)×0.2) V
N=0x32,0x33,...,0x3B: VIN_DROP=11.0+((N-0x31)×0.1) V
The maximum value is 12.0 V (0x3B). Any value greater than
the maximum will be stored in the register but limited to the
maximum at the output.
CONTROL_B (0x008)
Field
Slice
Description
Reserved
7:6
VBAT_UV
5:0
VBAT undervoltage. VBAT_UV=2.0+(N×0.025) V.
CONTROL_C (0x009)
Field
Slice
Description
Reserved
7:6
VBAT_OV
5:0
VBAT overvoltage. VBAT_OV=3.6+(N×0.025) V.
11.3.4
Configuration
CONTROL_D (0x00A)
Field
Slice
Description
Reserved
7:7
START_SLEW
6:4
Slew rate control for the buck start. The enumeration is the
same as DEF_SLEW_RATE
Reserved
3:3
DEF_SLEW_RATE
2:0
Slew rate control for the output current changes. Each output
current step (10 mA) is delayed with T_STEP=OSC/(2^N1),
where OSC is the high frequency oscillator (6 MHz default).
The minimum value for N is 5 (101). The effective slew rate is
then given by the current change (I_DELTA), the number of
steps required for the change (I_DELTA/10 mA), and the time
spend in each step (T_STEP):
SLEW_RATE=I_DELTA/((I_DELTA/10 mA)×T_STEP)
CONTROL_E (0x00B)
Field
Slice
Description
Reserved
7:5
TIMER_DIS
4:4
Disables the safety timer.
1 = Safety timer disabled
0 = safety timer enabled
TJUNC_WARN
3:0
Junction temperature warning threshold.
TJUNC_WARN=70+(N×5) °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com