Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 30Page - Renesas Technology Corp DA9155M Datasheet HTML 31Page - Renesas Technology Corp DA9155M Datasheet HTML 32Page - Renesas Technology Corp DA9155M Datasheet HTML 33Page - Renesas Technology Corp DA9155M Datasheet HTML 34Page - Renesas Technology Corp DA9155M Datasheet HTML 35Page - Renesas Technology Corp DA9155M Datasheet HTML 36Page - Renesas Technology Corp DA9155M Datasheet HTML 37Page - Renesas Technology Corp DA9155M Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
34 of 37
© 2022 Renesas Electronics
12 Application Information
12.1 PCB Layout
EN
nIRQ
SDA
SCL
NC0
AGND
AGND
TP
NC1
AGND
AGND
VDDIO
AGND
AGND
AGND
VBAT
PGND
VLX
VLX
VLX
BOOT
PVDD
AVDD
VBATN
VIN
PGND
VLX
VLX
VLX
VIN
1005
1005
Power ground
Power ground
Quiet ground
112
112
112
112
112
112
112
112
112
Figure 21: Preliminary PCB Layout for DA9155M
Note 1
Component sizes in mm.
It is recommended to create a separate quiet ground for the AVDD capacitor connection. The PCB
layout should ensure this ground is kept quiet, for example, they should be separated from the main
noisy power ground return path. The quiet ground can then be connected to the main ground at the
ground plane.
12.2 Component Selection
12.2.1
Capacitors
Ref
Value
Size Code
[mm]
Temp.
Char.
Tol.
Rating
Part
Buck input
bypass
10 µF
1608
X5R
±20%
25 V
CL10A106MA8NRNC
10 µF
1608
X5R
±20%
25 V
Murata GRM188R61E106MA73
Buck output
22 µF
1608
X5R
±20%
6.3 V
Murata GRM188R60J226MEA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com