Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 11Page - Renesas Technology Corp DA9155M Datasheet HTML 12Page - Renesas Technology Corp DA9155M Datasheet HTML 13Page - Renesas Technology Corp DA9155M Datasheet HTML 14Page - Renesas Technology Corp DA9155M Datasheet HTML 15Page - Renesas Technology Corp DA9155M Datasheet HTML 16Page - Renesas Technology Corp DA9155M Datasheet HTML 17Page - Renesas Technology Corp DA9155M Datasheet HTML 18Page - Renesas Technology Corp DA9155M Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
15 of 37
© 2022 Renesas Electronics
9
System Block Diagram
A block diagram of a typical application is illustrated in Figure 10.
Main Charger
+
-
RCP
ISYS
HS
LS
Bat.
Sw.
DA9155
HS
LS
IBUS
IBAT
Buck
Control
Buck
Control
VBUS
Current
Sensing
Current
Sensing
2-wire
Interface
IBATS
IBUSS
IBUSM
IBATM
I2C
SoC
ADC
Charging
Control
VSYS
VBAT
TBAT
VBUS
IBUS
IBATM
IBAT
Current
Sensing
VBAT
Sensing
OVP
PMIC
VDDIO
NTC
VDDIO
AVDD
PVDD
SCL
SDA
Figure 10: DA9155M System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com