Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 5Page - Renesas Technology Corp DA9155M Datasheet HTML 6Page - Renesas Technology Corp DA9155M Datasheet HTML 7Page - Renesas Technology Corp DA9155M Datasheet HTML 8Page - Renesas Technology Corp DA9155M Datasheet HTML 9Page - Renesas Technology Corp DA9155M Datasheet HTML 10Page - Renesas Technology Corp DA9155M Datasheet HTML 11Page - Renesas Technology Corp DA9155M Datasheet HTML 12Page - Renesas Technology Corp DA9155M Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
9 of 37
© 2022 Renesas Electronics
7.2
VIN Monitoring
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VIN = 4.3 to 13.5 V, VBAT = 2.6 to 4.4 V
Table 7: VIN Monitoring
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
VIN to VBAT threshold
VIN2BAT
Falling threshold
225
275
330
mV
VIN to VBAT hysteresis
VIN2BAT_HYST
130
mV
VIN overvoltage
threshold
VIN_OVLO
Rising threshold,
pulse width greater
than 3 µs
13.5
15
V
VIN overvoltage
hysteresis
VIN_OVLO_HYST
2%
VIN undervoltage
threshold
VIN_UVLO
Falling threshold
4.085
4.3
4.5
V
VIN undervoltage
hysteresis
VIN_UVLO_HYST
2%
VIN drop
threshold range
VIN_DROP
Falling threshold.
VIN_DROP=0x3B
12
V
Falling threshold.
VIN_DROP
=0x37
11.6
V
Falling threshold.
VIN_DROP=0x23
8.6
V
Falling threshold
VIN_DROP=0x00
4.3
V
VIN drop hysteresis
VIN_DROP_HYST
1.5%
VIN drop accuracy
VIN_DROP_ACC
Vin_drop <= 5.4V
-1.6%
+1.6%
Vin_drop > 5.4V
-1.9%
+1.9%
7.3
Buck Converter
Table 8: External Components
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input capacitor
CIN
10
µF
Output capacitor
COUT
Nominal
10
22
µF
Output capacitor ESR
CESR
3
m
Inductor value
LBUCK
0.47
µH
Inductor resistance
LESR
24
m
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VIN = 4.3 to 13.5 V, VBAT = 2.6 to 4.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com