Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 9Page - Renesas Technology Corp DA9155M Datasheet HTML 10Page - Renesas Technology Corp DA9155M Datasheet HTML 11Page - Renesas Technology Corp DA9155M Datasheet HTML 12Page - Renesas Technology Corp DA9155M Datasheet HTML 13Page - Renesas Technology Corp DA9155M Datasheet HTML 14Page - Renesas Technology Corp DA9155M Datasheet HTML 15Page - Renesas Technology Corp DA9155M Datasheet HTML 16Page - Renesas Technology Corp DA9155M Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
13 of 37
© 2022 Renesas Electronics
7.7
Current Consumption
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC
Table 13:Current Consumption
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current (no-power
mode)
IQ_NO_PWR_VBAT
VBAT = 3.6 V
1
5
12
µA
Current (disabled
mode)
IQ_DIS_VIN
VIN = 5 V, VBAT = 2.6 to 4.4 V
100
250
400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com