Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 3 Page - Renesas Technology Corp

  DA9155M Datasheet HTML 1Page - Renesas Technology Corp DA9155M Datasheet HTML 2Page - Renesas Technology Corp DA9155M Datasheet HTML 3Page - Renesas Technology Corp DA9155M Datasheet HTML 4Page - Renesas Technology Corp DA9155M Datasheet HTML 5Page - Renesas Technology Corp DA9155M Datasheet HTML 6Page - Renesas Technology Corp DA9155M Datasheet HTML 7Page - Renesas Technology Corp DA9155M Datasheet HTML 8Page - Renesas Technology Corp DA9155M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
3 of 37
© 2022 Renesas Electronics
2
Revision History
Revision
Date
Changes
3.1
04-May-2017
Document formatting changes
3.06
21-Dec-2016
Added thermal resistance to Recommended Operating Conditions
Additional description in TIMER_B register definition table
Additional description in Pin list for AVDD and PVDD
Changes to Description
3.05
22-July-2016
Updated first page
3.04
10-May-2016
Added max value of VIN_OVLO
Updated max value of VIN_UVLO
Updated typ value of LESR
Added min value in Output current range
Added min and max values of ILIM
Updated test condition for VBAT_OV
Updated test condition for IQ_DIS_VIN
Updated description of Bit E_RDY in EVENT_B (0x004) register
3.03
24-Mar-2016
Update Specs for IQ_NO_PWR_VBAT and removed VOH
3.02
01-Mar-2016
Updated Specs for VIN2BAT, VIN2BAT_HYST, VIN_DROP_HYST, VIN_DROP_ACC,
VBAT_UV_ACC, VBAT_OV_ACC
3.01
15-Jan-2016
Update Figure 2 for LF35
3.00
09-Nov-2015
Final Datasheet Release
3
Ordering Information
The order number consists of the part number followed by a suffix indicating the packing method. For
details, please consult the customer portal on the Dialog website or your local sales representative.
Table 1: Ordering Information
Part number
Package
Package description
DA9155M-xxU72
30 WL-CSP
Tape and Reel, 4500pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com