Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 13Page - Renesas Technology Corp DA9155M Datasheet HTML 14Page - Renesas Technology Corp DA9155M Datasheet HTML 15Page - Renesas Technology Corp DA9155M Datasheet HTML 16Page - Renesas Technology Corp DA9155M Datasheet HTML 17Page - Renesas Technology Corp DA9155M Datasheet HTML 18Page - Renesas Technology Corp DA9155M Datasheet HTML 19Page - Renesas Technology Corp DA9155M Datasheet HTML 20Page - Renesas Technology Corp DA9155M Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
17 of 37
© 2022 Renesas Electronics
10.1.2
nIRQ
nIRQ is a level sensitive interrupt signal. It can be configured either as a push-pull or as an open
drain output (IRQ_TYPE), and the polarity can be selected (IRQ_LEVEL). The structure of the
interrupt logic is depicted in Figure 11.
nIRQ is asserted when an un-masked event is asserted. The nIRQ will not be released until all event
registers have been cleared. New events that occur during reading an event register will be held until
the event register has been cleared, ensuring that the host processor does not miss them.
AND
nIRQ
E_RDY
E_TJUNC_WARN
E_VBAT_OV
E_VBAT_UV
E_TIMER
E_VIN_DROP
M_RDY
M_TJUNC_WARN
M_VBAT_OV
M_VBAT_UV
M_TIMER
M_VIN_DROP
AND
AND
AND
AND
AND
OR
E_xx
M_xx
AND
IRQ_LEVEL
IRQ_TYPE
AND
E_EN_BLOCK
M_EN_BLOCK
Figure 11: DA9155M Interrupt Logic
10.2 2-Wire Interface
The 2-wire interface provides access to control and status registers. The interface supports
operations compatible to standard, fast, fast-plus and high speed mode of the I2C bus specification
Rev. 3.
Communication on the 2-wire bus is always between two devices, one acting as the master and the
other as the slave. The DA9155M will only operate as a slave.
SCL carries the 2-wire clock and SDA carries the bi-directional data. The 2-wire interface is open-
drain supporting multiple devices on a single line. The bus lines have to be pulled high by external
pull-up resistors (2
–20 kΩ). These are often shared between multiple devices connected to the
interface. The attached devices only drive the bus lines low by connecting them to ground. As a
result, two devices cannot conflict if they drive the bus simultaneously. In standard/fast mode the
highest frequency of the bus is 400 kHz. The exact frequency can be determined by the application
and it does not have any relation to the DA9155M internal clock signals. DA9155M will follow the
host clock speed within the described limitations and does not initiate any clock arbitration or slow
down. An automatic interface reset can be triggered in case the clock signal ceases to toggle for
>35 ms (controlled in 2W_TO).
Bus clear, if the SDA is stuck, is achieved after receiving 9 clock pulses. Operation in high speed
mode at 3.4 MHz requires a minimum interface supply voltage of 1.8 V and a mode change in order
to enable spike suppression and slope control characteristics compatible to the I2C specification. The
high speed mode can be enabled on a transfer-by-transfer basis by sending the master code (0000
1XXX) at the beginning of the transfer. The DA9155M does not make a use of clock stretching and
delivers read data without additional delay up to 3.4 MHz.
Alternatively the interface can be configured to use high speed mode continuously via PM_IF_HSM,
so that the master code is not required at the beginning of every transfer. This reduces
communication overhead on the bus, but limits the attachable bus slaves to compatible devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com