Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 21Page - Renesas Technology Corp DA9155M Datasheet HTML 22Page - Renesas Technology Corp DA9155M Datasheet HTML 23Page - Renesas Technology Corp DA9155M Datasheet HTML 24Page - Renesas Technology Corp DA9155M Datasheet HTML 25Page - Renesas Technology Corp DA9155M Datasheet HTML 26Page - Renesas Technology Corp DA9155M Datasheet HTML 27Page - Renesas Technology Corp DA9155M Datasheet HTML 28Page - Renesas Technology Corp DA9155M Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
25 of 37
© 2022 Renesas Electronics
11 Register Map
11.1 Overview
Addr
Register
7
6
5
4
3
2
1
0
Page Control
0x000
PAGE_CTRL_0
REVERT
WRITE_MODE
PAGE
Status And Events
0x001
STATUS_A
S_EN_BLOCK
S_VIN_OV
S_VIN_DROP
S_VIN_UV
S_VBAT_OV
S_VBAT_UV
S_TJUNC_CRIT
S_TJUNC_WARN
0x002
STATUS_B
S_BUCK_ILIM
S_EN_PIN
MODE
0x003
EVENT_A
E_EN_BLOCK
E_VIN_OV
E_VIN_DROP
E_VIN_UV
E_VBAT_OV
E_VBAT_UV
E_TJUNC_CRIT
E_TJUNC_WARN
0x004
EVENT_B
E_TJUNC_POR
E_VDDIO_UV
E_TIMER
E_BUCK_ILIM
E_RDY
0x005
IRQ_MASK_A
M_EN_BLOCK
M_VIN_OV
M_VIN_DROP
M_VIN_UV
M_VBAT_OV
M_VBAT_UV
M_TJUNC_CRIT
M_TJUNC_WARN
0x006
IRQ_MASK_B
M_TJUNC_POR
M_VDDIO_UV
M_TIMER
M_BUCK_ILIM
M_RDY
VIN And VBAT Monitoring
0x007
CONTROL_A
VIN_DROP
0x008
CONTROL_B
VBAT_UV
0x009
CONTROL_C
VBAT_OV
Configuration
0x00A
CONTROL_D
START_SLEW
DEF_SLEW_RATE
0x00B
CONTROL_E
TIMER_DIS
TJUNC_WARN
Safety Timer
0x00C
TIMER_A
TIMER_COUNT
0x00D
TIMER_B
TIMER_LOAD
Buck Control
0x00E
BUCK_CTRL
BUCK_EN
0x00F
BUCK_ILIM
BUCK_ILIM
0x010
BUCK_IOUT
BUCK_IOUT
Interface
0x011
INTERFACE
IF_BASE_ADDR
0x012
CONFIG_A
VDDIO_CONF
I2C_EXTEND_EN 2W_TO
2W_IF_HSM
IRQ_LEVEL
IRQ_TYPE
Configuration
0x013
CONFIG_B
OSC_FRQ
BUCK_FSW
Page Control
0x080
PAGE_CTRL_1
REVERT
WRITE_MODE
PAGE
Page Control
0x100
PAGE_CTRL_2
REVERT
WRITE_MODE
PAGE
Page Control
0x180
PAGE_CTRL_3
REVERT
WRITE_MODE
PAGE
Page Control
0x200
PAGE_CTRL_4
REVERT
WRITE_MODE
PAGE
Page Control
0x280
PAGE_CTRL_5
REVERT
WRITE_MODE
PAGE
Page Control
0x300
PAGE_CTRL_6
REVERT
WRITE_MODE
PAGE
Trimming and Engineering
0x319
ANA_ENG_OTP_
9
ENG_VDDIO_UV_D
IS
ENG_TJUNC_CRI
T_DIS
ENG_VBAT_OV_
DIS
ENG_VBAT_UV_
DIS
ENG_VIN_DROP
_DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com