Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 12Page - Renesas Technology Corp DA9155M Datasheet HTML 13Page - Renesas Technology Corp DA9155M Datasheet HTML 14Page - Renesas Technology Corp DA9155M Datasheet HTML 15Page - Renesas Technology Corp DA9155M Datasheet HTML 16Page - Renesas Technology Corp DA9155M Datasheet HTML 17Page - Renesas Technology Corp DA9155M Datasheet HTML 18Page - Renesas Technology Corp DA9155M Datasheet HTML 19Page - Renesas Technology Corp DA9155M Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
16 of 37
© 2022 Renesas Electronics
9.1
Main Charger
The main charger is a fully featured charger that can operate as a stand-alone device. It is also
designed to support an external slave charger. The main charger is responsible for the following
functions:
● Charging control (pre-charge, CC, CV, JEITA)
● Battery detection
● Battery activation
● Battery pre-charge
● CV-phase
● IBUS sensing (IBUSM + IBUSS)
● Reverse-current protection
● IBATM regulation
● IBAT sensing (IBATM + IBATS)
● Battery isolation
● TBAT monitoring
● VBAT sensing
9.2
Slave Charger
The slave charger provides a regulated current (IBATS) and it is enabled only in the CC-phase of
charging. The slave charger does not feature a VBAT regulation loop, and therefore, does not
operate during CV-phase of charging. It is controlled by the application processor. The slave charger
is responsible for the following functions:
● IBATS regulation
● Hazard detection (VBAT over- and undervoltage)
For more details about the slave charger operation and the system integration, please refer to the
application note.
10 Functional Description
10.1 Control Signals
10.1.1
EN
The EN pin controls the BUCK_EN register. A rising edge sets the register and a falling edge clears
it. The rising edge of the EN pin has to occur when DA9155M is in the disabled mode. The
application processor can start the Buck by asserting the EN pin or by setting the BUCK_EN bit
through the 2-wire interface.
The level of the EN pin can be read from S_EN_PIN register.
A fault condition in the system (VIN_DROP, VIN_OV, VIN_UV, VBAT_OV, VBAT_UV, VIO_UV,
TJUNC_CRIT) de-asserts BUCK_EN and triggers a transition to the disabled mode. If a rising edge
of the EN pin occurs while the fault condition remains, the Buck is not enabled and an event
indicating a blocked enable is triggered (E_EN_BLOCK). Re-enabling the Buck after a fault condition
requires that status and event bits are cleared.
The EN pin can be shorted to ground when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com