Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 2Page - Renesas Technology Corp DA9155M Datasheet HTML 3Page - Renesas Technology Corp DA9155M Datasheet HTML 4Page - Renesas Technology Corp DA9155M Datasheet HTML 5Page - Renesas Technology Corp DA9155M Datasheet HTML 6Page - Renesas Technology Corp DA9155M Datasheet HTML 7Page - Renesas Technology Corp DA9155M Datasheet HTML 8Page - Renesas Technology Corp DA9155M Datasheet HTML 9Page - Renesas Technology Corp DA9155M Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
6 of 37
© 2022 Renesas Electronics
4
Pin List
Table 2: DA9155M Pin Description
Pin
Name
Type
Description
C1
VDDIO
PS
IO supply
B2, B3,
B4, C2,
C3, D1,
D2, D3
AGND
GND
Analog ground
A2
AVDD
AIO
Internal supply, typical 4 V
A3
PVDD
AIO
Internal supply, typical 4 V
E2
SDA
DIO
Data signal of the 2-wire interface (GPIO)
E1
SCL
DI
Clock signal of the 2-wire interface (GPIO)
E4
EN
DI
Control signal for the output current/voltage (GPIO)
E3
nIRQ
DO
Interrupt signal to host processor (GPIO)
A5, A6
VIN
PS
Input supply
B5, B6,
C5, C6,
D5, D6
VLX
AO
Switching node of Buck
A4
BOOT
AIO
Supply of the high-side driver
B1
VBAT
AI
Battery voltage sense, positive terminal
A1
VBATN
AI
Battery voltage sense, negative terminal
E5, E6
PGND
GND
Power grounds of the Buck, digital ground
C4, D4
NC
Not connected. Short to ground.
Table 3: Pin Type Definitions
Pin type
Description
Pin type
Description
DI
Digital Input
AI
Analogue Input
DO
Digital Output
AO
Analogue Output
DIO
Digital Input/Output
AIO
Analogue Input/Output
PS
Power Supply
GND
Ground connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com