Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 16Page - Renesas Technology Corp DA9155M Datasheet HTML 17Page - Renesas Technology Corp DA9155M Datasheet HTML 18Page - Renesas Technology Corp DA9155M Datasheet HTML 19Page - Renesas Technology Corp DA9155M Datasheet HTML 20Page - Renesas Technology Corp DA9155M Datasheet HTML 21Page - Renesas Technology Corp DA9155M Datasheet HTML 22Page - Renesas Technology Corp DA9155M Datasheet HTML 23Page - Renesas Technology Corp DA9155M Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
20 of 37
© 2022 Renesas Electronics
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
DATA
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 16: 2-Wire Page Write
Via control WRITE_MODE, a repeated write mode can be enabled. In this mode, the master can
execute back-to-back write operations to non-consecutive addresses. This is achieved by
transmitting register address and data pairs. The data will be stored in the address specified by the
preceding byte. The repeated write mode is illustrated in Figure 17.
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REGadr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 17: 2-Wire Repeated Write
If a new START or STOP condition occurs within a message, the bus will return to IDLE-mode.
10.3 Buck Converter
DA9155M features a Buck converter that provides up to 2.5 A of regulated output current, with
IOUT_ACC regulation accuracy.
The output current of the Buck can be selected from a control register (BUCK_IOUT). In order to limit
inrush current from the power supply, the Buck converter features a soft-start function. Whenever the
Buck is enabled or the output current is changed, the output current is ramped to the target value by
running through the BUCK_IOUT steps at a rate defined by the START_SLEW and
DEF_SLEW_RATE registers. As the names imply, START_SLEW is used when the Buck is enabled
and DEF_SLEW_RATE is used when disabling the Buck or changing between IOUT settings. The
slew rate timings are summarized in Table 14.
Table 14: Slew Rate Timings with Different Register Settings
SLEW[2:0]
Time per IOUT Step [µs]
Ramp Rate
[mA/µs]
Ramp Time 250 mA to 2.5 A [µs]
0x5
10.67
0.938
2400
0x6
21.30
0.469
4800
0x7
42.70
0.234
9600
The Buck features a programmable peak current limit (BUCK_ILIM), which protects the pass devices
and the inductor. Hitting the limit triggers an E_BUCK_ILIM event. During normal operation the
E_BUCK_ILIM event should not occur. However, the event can be used as an indication of abnormal
system behaviour.
The Buck is enabled either by writing directly to a control register BUCK_EN or asserting the EN
input. The soft-start feature described above is effective when the Buck is enabled or disabled.
The switching frequency is chosen high enough to allow the use of a small 0.47 µH inductor.
Furthermore, the switching frequency can be adjusted with the BUCK_FSW and OSC_FRQ registers
in order to avoid interference to/from the main charger. The Buck also features an automatic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com