Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 20Page - Renesas Technology Corp DA9155M Datasheet HTML 21Page - Renesas Technology Corp DA9155M Datasheet HTML 22Page - Renesas Technology Corp DA9155M Datasheet HTML 23Page - Renesas Technology Corp DA9155M Datasheet HTML 24Page - Renesas Technology Corp DA9155M Datasheet HTML 25Page - Renesas Technology Corp DA9155M Datasheet HTML 26Page - Renesas Technology Corp DA9155M Datasheet HTML 27Page - Renesas Technology Corp DA9155M Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
24 of 37
© 2022 Renesas Electronics
The junction temperature monitoring is also enabled in the reset mode. If a junction over-temperature
is detected during operation (TJUNC
≥ TJUNC_POR), DA9155M moves back to the reset mode.
10.8.3
Disabled
In the disabled mode DA9155M is fully functional but the Buck has not been enabled. An event is
fired when entering the disabled mode to notify the application processor that the slave charger is
ready for operation. If a fault condition exists (TJUNC, VBAT, or VIN), the enable signal is blocked,
DA9155M stays in the disabled mode, and an event is triggered.
DA9155M moves to the active mode when the Buck is enabled either by asserting the EN signal or
by setting the BUCK_EN register.
10.8.4
Active
In the active mode DA9155M is fully functional and the Buck is running.
DA9155M moves back to the disabled mode if the Buck is disabled, the safety timer expires, or if
there is a fault condition (TJUNC, VBAT, or VIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com