Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 19Page - Renesas Technology Corp DA9155M Datasheet HTML 20Page - Renesas Technology Corp DA9155M Datasheet HTML 21Page - Renesas Technology Corp DA9155M Datasheet HTML 22Page - Renesas Technology Corp DA9155M Datasheet HTML 23Page - Renesas Technology Corp DA9155M Datasheet HTML 24Page - Renesas Technology Corp DA9155M Datasheet HTML 25Page - Renesas Technology Corp DA9155M Datasheet HTML 26Page - Renesas Technology Corp DA9155M Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
23 of 37
© 2022 Renesas Electronics
Figure 19: Junction Temperature Monitoring of DA9155M
10.8 Power Modes
The power modes of DA9155M are illustrated in Figure 20.
Disabled
Reset
Active functions:
· VIN-VBAT comparator
· Bandgap
· VIN comparator
· VBAT comparator
· TJUNC comparator
· VDDCORE LDO
· Internal oscillator
· OTP controller
· All outputs inactive
OTP read done &&
VIN > VIN_UVLO &&
TJUNC < TJUNC_CRIT
Active
EN == 0 ||
VBAT <= VBAT_UV ||
VBAT >= VBAT_OV ||
VIN <= VIN_DROP ||
VIN <= VIN_UVLO ||
VIN >= VIN_OVLO ||
E_CHG_TIMEOUT ||
TJUNC >= TJUNC_CRIT
EN == 1 &&
VBAT > VBAT_UV &&
VBAT < VBAT_OV &&
VIN > VIN_DROP &&
VIN > VIN_UVLO &&
VIN < VIN_OVLO &&
TJUNC < TJUNC_CRIT &&
IOVDD_OK == 1
TJUNC > TJUNC_POR
Any state
VIN < VIN2BAT
No-Power (5 µA)
Active functions:
· VIN-VBAT comparator
· All outputs inactive
VIN > VIN2BAT
Any state
Active functions:
· VIN-VBAT comparator
· Bandgap
· VIN comparator
· VBAT comparator
· TJUNC comparator
· VDDCORE LDO
· Internal oscillator
· I2C
Active functions:
· VIN-VBAT comparator
· Bandgap
· VIN comparator
· VBAT comparator
· TJUNC comparator
· VDDCORE LDO
· Internal oscillator
· I2C
· Buck
Figure 20: Power Modes of DA9155M.
Note 1
The conditions for state transitions follow the C-language syntax.
10.8.1
No-Power
The no-power mode is the initial state of DA9155M. Only the VIN-VBAT comparator is active in this
state. When VIN rises above VBAT, DA9155M enters the reset mode. All IOs are in their inactive state.
The no-power mode is entered whenever VIN drops below VBAT.
10.8.2
Reset
DA9155M enters the reset mode when a power supply is attached and VIN rises above VBAT. In the
reset mode, DA9155M will enable the internal reference, the internal supply, execute the reset
sequence, and read the OTP. Once the OTP is read and all the VIN conditions are met, DA9155M
moves automatically to the disabled mode.
TEMP_CRIT
TEMP_WARN
VBE
TEST[1:0]
VCORE
VCORE
VTWARN
VTCRIT
VTTEST1
VTTEST2
BGAP
DIODE VOLTAGE
TWARN_EN
TCRIT_EN
TEMP_POR
VCORE
TPOR_EN
VTPOR
VTTEST3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com