Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1685CTR Datasheet (PDF) - Renesas Technology Corp

SLG59M1685CTR Datasheet PDF - Renesas Technology Corp
Part # SLG59M1685CTR
Download  SLG59M1685CTR Download
File Size   955.63 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features

SLG59M1685CTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1685CTR Datasheet PDF - Renesas Technology Corp

Part # SLG59M1685CTR
Download  SLG59M1685CTR Click to download

File Size   955.63 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features

SLG59M1685CTR Datasheet (HTML) - Renesas Technology Corp


SLG59M1685CTR Product details

General Description
The SLG59M1685C is a self-powered, high-performance, 2 A
capable, single-channel load switch designed for high-side
power control applications up to 2 A. This feature-rich nFET
load switch has been performance-optimized for all small
form-factor, battery-powered applications including
smartphones, tablet/notebook PCs, and GPS devices.
Operating from 1.3 V to 3.6 V supplies, the SLG59M1685C’s
RDSON is 10 mΩ and its protection-feature set includes VIN
undervoltage lockout, two-level current-limit, thermal
shutdown, and fast VOUT discharge. With a fixed VOUT slew
rate of 2.7 V/ms (adjustable via metal mask from 0.3 V/ms to
10 V/ms), inrush currents at VIN are predictable and the load
switch is designed to drive CLOADs up to 500 μF.
Using Renesas’s proprietary MOSFET IP, the SLG59M1685C
achieves a stable RDSON across a wide input voltage range.
Fully specified over the -40 °C to 85 °C temperature range, this
advanced nFET load switch is available in a 6-ball WLCSP
measuring 0.71 mm x 1.16 mm x 0.5 mm with 0.35mm pitch.
Features
• High-performance nFET Design:
• Low Typical RDSON: 10 mΩ
• Steady-state Operating Current: 2 A
• Operating VIN Range: 1.3 V ≤ VIN ≤ 3.6 V
• Fixed VOUT Slew Rate: 2.7 V/ms at VIN = 3.6 V
• Two-stage Overcurent Protection
• Fixed 2.7 A Active Current Limit
• Fixed 0.7 A Short-circuit Current Limit
• Fast VOUT Discharge
• Thermal Shutdown Protection
• ON/OFF Control: Active HIGH
• Pb-Free / Halogen-Free / RoHS compliant WLCSP
• 6 pin 0.71 mm x 1.16 mm, 0.35 mm pitch




Similar Part No. - SLG59M1685CTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1685CTR DIALOG-SLG59M1685CTR Datasheet
1Mb / 23P
A Low Power, 10 m廓, 2 A, 0.82 mm2 WLCSP Integrated Power Switch with Multiple Protection Features
More results


Similar Description - SLG59M1685CTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1685C DIALOG-SLG59M1685C Datasheet
1Mb / 23P
A Low Power, 10 m廓, 2 A, 0.82 mm2 WLCSP Integrated Power Switch with Multiple Protection Features
logo
Renesas Technology Corp
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1342 RENESAS-SLG59H1342 Datasheet
1Mb / 24P
A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP
27-Jan-2023
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
SLG59M1713V RENESAS-SLG59M1713V Datasheet
1Mb / 30P
An Ultra-small, 4 mΩ, 2 A Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1735C RENESAS-SLG59M1735C Datasheet
1Mb / 19P
A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
4-Feb-2022
SLG59M1746C RENESAS-SLG59M1746C Datasheet
1Mb / 33P
An Ultra-low Power, RDSON 17.6 mΩ, 1 A, 0.82 mm2 WLCSP Load Switch with Controlled Inrush Current
2-Feb-2022
SLG59M1748C RENESAS-SLG59M1748C Datasheet
1Mb / 21P
A Reverse Blocking 36 mΩ, 2.2 A pFET Load Switch in 0.64 mm2 WLCSP
4-Feb-2022
SLG59M1707V RENESAS-SLG59M1707V Datasheet
1Mb / 28P
A 125 °C Rated, 4 mm2, 13 mΩ, 3.5 A Load Switch with Protection Features and an Analog Current Monitor Output
3-Feb-2022
SLG59M1709V RENESAS-SLG59M1709V Datasheet
709Kb / 21P
An Ultra-small, 4 mΩ, 4 A Load Switch with Multiple Protection Features
4-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com