Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet (PDF) - Analog Devices

AD9927 Datasheet PDF - Analog Devices
Part # AD9927
Download  AD9927 Download
File Size   842.56 Kbytes
Page   100 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator

AD9927 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9927 Datasheet PDF - Analog Devices

Part # AD9927
Download  AD9927 Click to download

File Size   842.56 Kbytes
Page   100 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator

AD9927 Datasheet (HTML) - Analog Devices


AD9927 Product details

GENERAL DESCRIPTION
The AD9927 is a highly integrated CCD signal processor for digital still camera applications. It includes a complete analog front end with A/D conversion, combined with a full-function programmable timing generator and 18-channel vertical driver (V-driver). The timing generator is capable of supporting up to 24 vertical clock signals to control advanced CCDs. The onchip V-driver supports up to 18 channels for use with 5-field CCDs. A Precision Timing core allows adjustment of high speed clocks with approximately 400 ps resolution at 40 MHz operation. The AD9927 also contains eight general-purpose outputs, which can be used for shutter and system functions.

FEATURES
   Integrated 18-channel V-driver
   1.8 V AFETG core
   Internal LDO regulator and charge pump circuitry
   Compatibility with 3 V or 1.8 V systems
   24 programmable vertical clock signals
   Correlated double sampler (CDS) with −3 dB, 0 dB,
      +3 dB, and +6 dB gain
   6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
   14-bit, 40 MHz analog-to-digital converter (ADC)
   Black level clamp with variable level control
   Complete on-chip timing generator
   Precision Timing core with ~400 ps resolution
   On-chip 3 V horizontal and RG drivers
   General-purpose outputs (GPOs) for shutter and
      system support
   On-chip driver for external crystal
   On-chip sync generator with external sync input
   128-lead CSP_BGA package, 9 mm × 9 mm, 0.65 mm pitch

APPLICATIONS
   Digital still cameras




Similar Part No. - AD9927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
More results


Similar Description - AD9927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A Datasheet
1Mb / 88P
CCD Signal Processor with V-Driver and Precision Timing??Generator
10/06-Revision 0
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9920A AD-AD9920A Datasheet
73Kb / 2P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9928 AD-AD9928 Datasheet
74Kb / 2P
Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpD
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com