Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 3 Page - Analog Devices

  AD9927 Datasheet HTML 1Page - Analog Devices AD9927 Datasheet HTML 2Page - Analog Devices AD9927 Datasheet HTML 3Page - Analog Devices AD9927 Datasheet HTML 4Page - Analog Devices AD9927 Datasheet HTML 5Page - Analog Devices AD9927 Datasheet HTML 6Page - Analog Devices AD9927 Datasheet HTML 7Page - Analog Devices AD9927 Datasheet HTML 8Page - Analog Devices AD9927 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
AD9927
Rev. 0 | Page 3 of 100
SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE INPUTS
AVDD (AFE Analog Supply)
1.6
1.8
2.0
V
TCVDD (Timing Core Supply)
1.6
1.8
2.0
V
CLIVDD (CLI Input Supply)
1.6
3.0
3.6
V
RGVDD (RG, HL Driver)
2.7
3.0
3.6
V
HVDD (H1 to H8 Drivers)
2.7
3.0
3.6
V
DVDD (Digital Logic)
1.6
1.8
2.0
V
DRVDD (Parallel Data Output Drivers)
1.6
3.0
3.6
V
IOVDD (Digital I/O)
2.7
3.0
3.6
V
XVVDD (Vertical Output Drivers)
2.7
3.0
3.6
V
CP1P8 (CP Supply Input)
1.6
1.8
2.0
V
LDOIN (LDO Supply Input)
2.25
3.0
3.6
V
V-DRIVER POWER SUPPLY VOLTAGES
VDD1, VDD2 (V-Driver Logic)
2.7
3.0
3.6
V
VH1, VH2 (V-Driver High Supply)
11.5
15.0
16.5
V
VL1, VL2 (V-Driver Low Supply)
−8.5
−7.5
−5.5
V
VM1, VM2 (V-Driver Mid Supply)
−1.5
0.0
+1.5
V
VLL (SUBCK Low Supply)
−8.5
−7.5
−5.5
V
VMM (SUBCK Mid Supply)
−4.0
0.0
+0.3
V
POWER SUPPLY CURRENTS—40 MHz OPERATION
AVDD (1.8 V)
27
mA
TCVDD (1.8 V)
5
mA
CLIVDD (3 V)
1.5
mA
RGVDD (3.3 V, 20 pF RG Load, 20 pF HL Load)
10
mA
HVDD1 (3.3 V, 480 pF Total Load on H1 to H8)
59
mA
DVDD (1.8 V)
9.5
mA
DRVDD (3 V, 10 pF Load on Each DOUT Pin)
6
mA
IOVDD (3 V, Depends on Load and Output Frequency of Digital I/O)
2
mA
XVVDD (3 V, Depends on Load and Output Frequency of XV Signals)
2
mA
POWER SUPPLY CURRENTS—STANDBY MODE OPERATION
Standby1 Mode
12
mA
Standby2 Mode
5
mA
Standby3 Mode
1.5
mA
MAXIMUM CLOCK RATE (CLI)
40
MHz
1 The total power dissipated by the HVDD (or RGVDD) supply can be approximated using the equation
Total HVDD Power = [CL × HVDD × Pixel Frequency] × HVDD
Reducing the capacitive load and/or reducing the HVDD supply reduces the power dissipation. CL is the total capacitance seen by all H-outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com