Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9927 Datasheet HTML 5Page - Analog Devices AD9927 Datasheet HTML 6Page - Analog Devices AD9927 Datasheet HTML 7Page - Analog Devices AD9927 Datasheet HTML 8Page - Analog Devices AD9927 Datasheet HTML 9Page - Analog Devices AD9927 Datasheet HTML 10Page - Analog Devices AD9927 Datasheet HTML 11Page - Analog Devices AD9927 Datasheet HTML 12Page - Analog Devices AD9927 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
AD9927
Rev. 0 | Page 9 of 100
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BOTTOM VIEW
(Not to Scale)
12 11 10 9 8765 4321
A
B
C
D
E
F
G
H
J
K
L
M
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
L7
AVDD
P
AFE Supply: 1.8 V
L8
AVSS
P
Analog Supply Ground
B11
DVDD
P
Digital Logic Supply: 1.8 V
C10
DVSS
P
Digital Logic Ground
A2
DRVDD
P
Data Driver Supply: 1.8 V, 3.3 V
A1
DRVSS
P
Data Driver Ground
M6
TCVSS
P
Analog Ground for Timing Core
L6
TCVDD
P
Timing Core Supply: 1.8 V
L5
CLIVDD
P
CLI Input Supply: 3.3 V
K12
IOVDD
P
Digital I/O Supply: 1.8 V, 3.3 V (GPIO, SUBCK, HD/VD, SL, SCK, SDATA, SYNC, RSTB)
J12
IOVSS
P
Digital I/O Ground
H12
XVVDD
P
XV Output Supply: 1.8 V, 3.3 V
C4
VL1
P
V-Driver Low Supply
M2
VL2
P
V-Driver Low Supply
C5
VH1
P
V-Driver High Supply
L3
VH2
P
V-Driver High Supply
C3
VM1
P
V-Driver Mid Supply
K3
VM2
P
V-Driver Mid Supply
G10
VSS1
P
V-Driver Ground
D11
VSS2
P
V-Driver Ground
K5
VLL
P
V-Driver Low Supply for SUBCK Output
J5
VMM
P
V-Driver Mid Supply for SUBCK Output
H9
VDD1
P
V-Driver Logic Supply (3 V)
C11
VDD2
P
V-Driver Logic Supply (3 V)
D1
CP1P8
P
Charge Pump 1.8 V Input
C2
CPVSS
P
Charge Pump Ground
B1
CP3P3
P
Charge Pump 3.3 V Output
E2
LDOIN
P
LDO 3.3 V Input
E11
LDOVSS
P
LDO Ground
H1
HVDD1
P
H-Driver Supply 1: 3.3 V
G2
HVSS1
P
H-Driver Ground 1
L1
HVDD2
P
H-Driver Supply 2: 3.3 V
K2
HVSS2
P
H-Driver Ground 2
M4
RGVDD
P
RG Driver Supply: 3.3 V
L4
RGVSS
P
RG Driver Ground
E10
V5V
P
Connect to 3 V supply through diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com