Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9927 Datasheet HTML 7Page - Analog Devices AD9927 Datasheet HTML 8Page - Analog Devices AD9927 Datasheet HTML 9Page - Analog Devices AD9927 Datasheet HTML 10Page - Analog Devices AD9927 Datasheet HTML 11Page - Analog Devices AD9927 Datasheet HTML 12Page - Analog Devices AD9927 Datasheet HTML 13Page - Analog Devices AD9927 Datasheet HTML 14Page - Analog Devices AD9927 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
AD9927
Rev. 0 | Page 11 of 100
Pin No.
Mnemonic
Type1
Description
A3
DCLK
DO
Data Clock Output.
K4
SUBCK
VO3
CCD Substrate Clock
J3
V1A
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV1 + XV16)
J4
V1B
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV1 + XV17)
H3
V2A
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV2 + XV18)
H4
V2B
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV2 + XV19)
G4
V3A
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV3 + XV20)
G3
V3B
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV3 + XV21)
F3
V4
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV4 + XV22)
F4
V5
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV5 + XV23)
E4
V6
VO3
CCD Vertical Transfer Clock. 3-Level Output (XV6 + XV24)
E3
V7
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV7)
D4
V8
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV8)
D3
V9
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV9)
D5
V10
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV10)
D6
V11
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV11)
D7
V12
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV12)
C7
V13
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV13)
C8
V14
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV14)
D8
V15
VO2
CCD Vertical Transfer Clock. 2-Level Output (XV15)
J8
TEST0
AO
Do Not Connect
J7
TEST1
AO
Do Not Connect
K8
TEST2
DI
Connect to 1.8 V/3 V Supply
D10
TEST3
DI
Connect to Ground
J6
TEST4
AI
Connect to Ground
G9
TEST5
AI
Connect to Ground
J9
TEST6
DI
Connect to Ground
A11, A12,
B10, B12,
C6, C9, C12,
D9, D12, E9,
E12, F12,
G12
NC
Not Internally Connected
1 AI = analog input, AO = analog output, DI = digital input, DO = digital output, DIO = digital input/output, P = power, VO2 = vertical driver output 2-level, VO3 = vertical
driver output 3-level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com