Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 1 Page - Analog Devices

  AD9927 Datasheet HTML 1Page - Analog Devices AD9927 Datasheet HTML 2Page - Analog Devices AD9927 Datasheet HTML 3Page - Analog Devices AD9927 Datasheet HTML 4Page - Analog Devices AD9927 Datasheet HTML 5Page - Analog Devices AD9927 Datasheet HTML 6Page - Analog Devices AD9927 Datasheet HTML 7Page - Analog Devices AD9927 Datasheet HTML 8Page - Analog Devices AD9927 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
14-Bit CCD Signal Processor with V-Driver
and Precision TimingTM Generator
AD9927
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated 18-channel V-driver
1.8 V AFETG core
Internal LDO regulator and charge pump circuitry
Compatibility with 3 V or 1.8 V systems
24 programmable vertical clock signals
Correlated double sampler (CDS) with −3 dB, 0 dB,
+3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 40 MHz analog-to-digital converter (ADC)
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with ~400 ps resolution
On-chip 3 V horizontal and RG drivers
General-purpose outputs (GPOs) for shutter and
system support
On-chip driver for external crystal
On-chip sync generator with external sync input
128-lead CSP_BGA package, 9 mm × 9 mm, 0.65 mm pitch
APPLICATIONS
Digital still cameras
GENERAL DESCRIPTION
The AD9927 is a highly integrated CCD signal processor for
digital still camera applications. It includes a complete analog
front end with A/D conversion, combined with a full-function
programmable timing generator and 18-channel vertical driver
(V-driver). The timing generator is capable of supporting up to
24 vertical clock signals to control advanced CCDs. The on-
chip V-driver supports up to 18 channels for use with 5-field
CCDs. A Precision Timing core allows adjustment of high speed
clocks with approximately 400 ps resolution at 40 MHz
operation. The AD9927 also contains eight general-purpose
outputs, which can be used for shutter and system functions.
The analog front end includes black level clamping, CDS, VGA,
and a 14-bit ADC. The timing generator provides all the
necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate
pulses, substrate clock, and substrate bias control.
The AD9927 is specified over an operating temperature range
of –25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9927
CDS
VGA
CLAMP
14-BIT
ADC
SL
SCK
SDATA
CLI
VREF
6dB TO 42dB
HORIZONTAL
DRIVERS
VERTICAL
TIMING
CONTROL
RG
H1 TO H8
24
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
HD
VD SYNC
INTERNAL
REGISTERS
CCDIN
–3dB,0dB,+3dB,+6dB
14
HL
CLO
GP01 TO GP08
XV1 TO XV24
XSUBCK
3V OUTPUT
1.8V INPUT
8
8
CHARGE
PUMP
1.8V OUTPUT
3V INPUT
LDO
REG
VERTICAL
DRIVER
18
SUBCK
XSUBCNT
RSTB
V1A-V6 (3-LEVEL)
V7-V15 (2-LEVEL)
DOUT
Figure 1.


Similar Part No. - AD9927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
More results

Similar Description - AD9927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A Datasheet
1Mb / 88P
CCD Signal Processor with V-Driver and Precision Timing??Generator
10/06-Revision 0
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9920A AD-AD9920A Datasheet
73Kb / 2P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. Sp0
AD9928 AD-AD9928 Datasheet
74Kb / 2P
Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpD
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9920A AD-AD9920A_15 Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com