Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9927 Datasheet HTML 12Page - Analog Devices AD9927 Datasheet HTML 13Page - Analog Devices AD9927 Datasheet HTML 14Page - Analog Devices AD9927 Datasheet HTML 15Page - Analog Devices AD9927 Datasheet HTML 16Page - Analog Devices AD9927 Datasheet HTML 17Page - Analog Devices AD9927 Datasheet HTML 18Page - Analog Devices AD9927 Datasheet HTML 19Page - Analog Devices AD9927 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
AD9927
Rev. 0 | Page 16 of 100
HIGH SPEED PRECISION TIMING CORE
The AD9927 generates high speed timing signals using the
flexible Precision Timing core. This core is the foundation for
generating the timing used for both the CCD and the AFE; it
includes the reset gate RG, horizontal drivers H1 to H8, HL,
and SHP/SHD sample clocks. A unique architecture makes it
routine for the system designer to optimize image quality by
providing precise control over the horizontal CCD readout
and the AFE correlated double sampling.
The high speed timing of the AD9927 operates the same
way in either master or slave mode configuration. For more
information on synchronization and pipeline delays, see
the Power-Up Sequence for Master Mode section.
Timing Resolution
The Precision Timing core uses a 1× master clock input as a
reference (CLI). This clock should be the same as the CCD pixel
clock frequency. Figure 16 illustrates how the internal timing
core divides the master clock period into 64 steps or edge
positions. Using a 40 MHz CLI frequency, the edge resolution
of the Precision Timing core is approximately 0.4 ns. If a 1×
system clock is not available, it is possible to use a 2× reference
clock by programming the CLIDIVIDE register (AFE Register
Address 0x0D). The AD9927 then internally divides the CLI
frequency by 2.
The AD9927 includes a master clock output, CLO, which
is the inverse of CLI. This output should be used as a crystal
driver. A crystal can be placed between the CLI and CLO pins
to generate the master clock for the AD9927.
High Speed Clock Programmability
Figure 17 shows when the high speed clocks RG, H1 to H8,
SHP, and SHD are generated. The RG pulse has programmable
rising and falling edges and can be inverted using the polarity
control. Horizontal Clock H1 has programmable rising and
falling edges and polarity control. In HCLK Mode 1, H3, H5,
and H7 are equal to H1 and H2, H4, H6, and H8 are always
inverses of H1.
The edge location registers are each six bits wide, allowing the
selection of all 64 edge locations. Figure 20 shows the default
timing locations for all of the high speed clock signals.
P[0]
P[64] = P[0]
P[16]
P[32]
P[48]
ONE PIXEL
PERIOD
CLI
tCLIDLY
POSITION
NOTES
1. THE PIXEL CLOCK PERIOD IS DIVIDED INTO 64 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH SPEED CLOCKS.
2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITION (tCLIDLY).
Figure 16. High Speed Clock Resolution from CLI, Master Clock Input
HL
CCD
SIGNAL
RG
PROGRAMMABLE CLOCK POSITIONS:
1SHP SAMPLE LOCATION.
2SHD SAMPLE LOCATION.
3RG RISING EDGE.
4RG FALLING EDGE.
5H1 RISING EDGE.
6H1 FALLING EDGE.
7HL RISING EDGE.
8HL FALLING EDGE.
1
2
34
78
H2, H4, H6, H8
H1, H3, H5, H7
56
Figure 17. High Speed Clock Programmable Locations (HCLKMODE = 001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com