Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9927 Datasheet HTML 29Page - Analog Devices AD9927 Datasheet HTML 30Page - Analog Devices AD9927 Datasheet HTML 31Page - Analog Devices AD9927 Datasheet HTML 32Page - Analog Devices AD9927 Datasheet HTML 33Page - Analog Devices AD9927 Datasheet HTML 34Page - Analog Devices AD9927 Datasheet HTML 35Page - Analog Devices AD9927 Datasheet HTML 36Page - Analog Devices AD9927 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
AD9927
Rev. 0 | Page 33 of 100
Register
Length
Description
VREPD_ODD
13b
Number of repetitions for the V-Pattern Group D for odd lines.
VREPB_EVEN
13b
Number of repetitions for the V-Pattern Group B for even lines.
VREPC_EVEN
13b
Number of repetitions for the V-Pattern Group C for even lines.
VREPD_EVEN
13b
Number of repetitions for the V-Pattern Group D for even lines.
FREEZE1
13b
Pixel location where the V-outputs freeze or hold (see VMASK_EN). Also used as VALTSEL0_EVEN [12:0]
register when Special VSEQALT_EN mode is enabled.
FREEZE2
13b
Pixel location where the V-outputs freeze or hold (see VMASK_EN). Also used as VALTSEL1_EVEN [12:0]
register when Special VSEQALT_EN mode is enabled.
FREEZE3
13b
Pixel location where the V-outputs freeze or hold (see VMASK_EN). Also used as VALTSEL0_ODD [12:0]
register when Special VSEQALT_EN mode is enabled.
FREEZE4
13b
Pixel location where the V-outputs freeze or hold (see VMASK_EN). Also used as VALTSEL1_ODD [12:0]
register when Special VSEQALT_EN mode is enabled.
RESUME1
13b
Pixel location where the V-outputs resume operation (see VMASK_EN). Also used as VALTSEL0_EVEN [17:13]
register when Special VSEQALT_EN mode is enabled.
RESUME 2
13b
Pixel location where the V-outputs resume operation (see VMASK_EN). Also used as VALTSEL1_EVEN [17:13]
register when Special VSEQALT_EN mode is enabled.
RESUME3
13b
Pixel location where the V-outputs resume operation (see VMASK_EN). Also used as VALTSEL0_ODD [17:13]
register when Special VSEQALT_EN mode is enabled.
RESUME4
13b
Pixel location where the V-outputs resume operation (see VMASK_EN). Also used as VALTSEL1_ODD [17:13]
register when Special VSEQALT_EN mode is enabled.
LASTREPLEN_A
13b
Separate length for last repetition of vertical pulses. Must be enabled using LASTREPLEN_EN.
Should be programmed to a value equal to the VLENA register.
LASTREPLEN_B
13b
Separate length for last repetition of vertical pulses. Must be enabled using LASTREPLEN_EN.
Should be programmed to a value equal to the VLENB register.
LASTREPLEN_C
13b
Separate length for last repetition of vertical pulses. Must be enabled using LASTREPLEN_EN.
Should be programmed to a value equal to the VLENC register.
LASTREPLEN_D
13b
Separate length for last repetition of vertical pulses. Must be enabled using LASTREPLEN_EN.
Should be programmed to a value equal to the VLEND register.
LASTTOG_A
13b
Optional fifth toggle position for the vertical signals. Must be enabled using LASTTOG_EN.
Note that the toggle position is common for all vertical signals.
LASTTOG_B
13b
Optional fifth toggle position for the vertical signals. Must be enabled using LASTTOG_EN.
Note that the toggle position is common for all vertical signals.
LASTTOG_C
13b
Optional fifth toggle position for the vertical signals. Must be enabled using LASTTOG_EN.
Note that the toggle position is common for all vertical signals.
LASTTOG_D
13b
Optional fifth toggle position for the vertical signals. Must be enabled using LASTTOG_EN.
Note that the toggle position is common for all vertical signals.
VSEQALT_EN
1b
Special V-sequence alternation mode is enabled when this register is programmed high.
VALT_MAP
1b
Enables the use of FREEZE/RESUME register locations to specify the VALTSEL0 and VALTSEL1 registers.
Must be enabled if VSEQALT mode is enabled.
VALTSEL0_EVEN
18b
Select lines for special V-sequence alternation mode for even lines. Used to concatenate VPAT Groups A/B/C/D
into unique merged patterns. Setting is used to specify one segment, with up to a maximum of 18 segments.
VALTSEL1_EVEN
18b
Select lines for special V-sequence alternation mode for even lines. Used to concatenate VPAT Groups A/B/C/D
into unique merged patterns. Setting is used to specify one segment, with up to a maximum of 18 segments.
VALTSEL0_ODD
18b
Select lines for special V-sequence alternation mode for odd lines. Used to concatenate VPAT Groups A/B/C/D
into unique merged patterns. Setting is used to specify one segment, with up to a maximum of 18 segments.
VALTSEL1_ODD
18b
Select lines for special V-sequence alternation mode for odd lines. Used to concatenate VPAT Groups A/B/C/D
into unique merged patterns. Setting is used to specify one segment, with up to a maximum of 18 segments.
SPC_PAT_EN
1b
Enable special V-pattern to be inserted into one repetition of a VPATA series.
SPC_PAT_EN [0]: set to 1 to enable VPATB to be used as special pattern insertion.
SPC_PAT_EN [1]: set to 1 to enable VPATC to be used as special pattern insertion.
SPC_PAT_EN [2]: set to 1 to enable VPATD to be used as special pattern insertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com