Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9927
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9927 Datasheet HTML 9Page - Analog Devices AD9927 Datasheet HTML 10Page - Analog Devices AD9927 Datasheet HTML 11Page - Analog Devices AD9927 Datasheet HTML 12Page - Analog Devices AD9927 Datasheet HTML 13Page - Analog Devices AD9927 Datasheet HTML 14Page - Analog Devices AD9927 Datasheet HTML 15Page - Analog Devices AD9927 Datasheet HTML 16Page - Analog Devices AD9927 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
AD9927
Rev. 0 | Page 13 of 100
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
40
15
20
25
30
35
500
400
450
350
300
250
200
100
150
50
0
2.7V/1.8V
3.0V/1.8V
3.3V/1.8V
Figure 4. AFETG Power vs. Frequency (V-Driver not Included)
(AVDD = TCVDD = DVDD = 1.8 V, All Other Supplies at 2.7 V, 3.0 V, or 3.3 V)
0
ADC OUTPUT CODE
0
1.0
–1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
2k
4k
6k
8k
10k
12k
14k
16k
Figure 5. Typical Differential Nonlinearity (DNL) Performance
CDS + VGA GAIN (dB)
45
0
150
0
100
50
5
101520
25303540
+3dB CDS
0dB CDS
–3dB CDS
Figure 6. Output Noise vs. Total Gain (CDS + VGA)
ADC OUTPUT CODE
0
2
–7
2k
4k
6k
8k
10k
12k
14k
16k
1
0
–1
–2
–3
–4
–5
–6
Figure 7. Typical System Nonlinearity Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com