Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86920GLV Datasheet (PDF) - Monolithic Power Systems

MP86920GLV Datasheet PDF - Monolithic Power Systems
Part # MP86920GLV
Download  MP86920GLV Download
File Size   1351.2 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package

MP86920GLV Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86920GLV Datasheet PDF - Monolithic Power Systems

Part # MP86920GLV
Download  MP86920GLV Click to download

File Size   1351.2 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package

MP86920GLV Datasheet (HTML) - Monolithic Power Systems


MP86920GLV Product details

DESCRIPTION
The MP86920 is a monolithic half-bridge driver
with built-in internal power MOSFETs and gate
drivers. It achieves 20A of continuous output
current across a wide input supply range.
The integrated driver and MOSFETS result in
high efficiency due to an optimal dead time and
reduced parasitic inductance.
This device works with tri-state output
controllers, and can operate between 100kHz
and 2MHz. It also comes with a generalpurpose
current sense and temperature sense.
The MP86920 is well-suited for server and
telecom applications where efficiency and small
size are a premium. It is available in an LGA-27
(4mmx5mm) package.

FEATURES
 Wide 4.5V to 16V Operating Input Range
 20A Output Current
 Accepts Tri-State PWM Signals
 Built-In Switch for Bootstrap
 Current Sense
 Temperature Sense
 Current Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting
 Used for Multi-Phase Operation
 Available in an LGA-27 (4mmx5mm)
Package

APPLICATIONS
 Server and Telecom Voltage Regulators
 Graphics Card Core Regulators
 Power Modules




Similar Part No. - MP86920GLV

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8690 MPS-MP8690 Datasheet
985Kb / 14P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
Rev. 1.1 8/31/2020
MP86905 MPS-MP86905 Datasheet
985Kb / 14P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
Rev. 1.1 8/31/2020
MP86905GR MPS-MP86905GR Datasheet
985Kb / 14P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
Rev. 1.1 8/31/2020
MP86905GR-P MPS-MP86905GR-P Datasheet
985Kb / 14P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver
Rev. 1.1 8/31/2020
MP86933 MPS-MP86933 Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
More results


Similar Description - MP86920GLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3853 IRF-IRDC3853 Datasheet
1Mb / 17P
The IR3853 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 4mmx5mm Power QFN package.
IRDC3856 IRF-IRDC3856 Datasheet
1Mb / 17P
The IR3856 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 4mmx5mm Power QFN package.
IRDC3859 IRF-IRDC3859 Datasheet
1Mb / 17P
The IR3859 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 4mmx5mm Power QFN package.
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com