Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet (PDF) - STMicroelectronics

STGD4H60DF Datasheet PDF - STMicroelectronics
Part # STGD4H60DF
Download  STGD4H60DF Download
File Size   403.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package

STGD4H60DF Datasheet (PDF)

Go To PDF Page Download Datasheet
STGD4H60DF Datasheet PDF - STMicroelectronics

Part # STGD4H60DF
Download  STGD4H60DF Click to download

File Size   403.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package

STGD4H60DF Datasheet (HTML) - STMicroelectronics


STGD4H60DF Product details

Features
• Maximum junction temperature: TJ = 175 °C
• Low VCE(sat) = 1.6 V (typ.) @ IC = 4 A
• Tight parameter distribution
• Low thermal resistance
• Short-circuit rated
• Soft and fast recovery antiparallel diode

Applications
• Industrial motor control
• Dishwashers
• Refrigerators and freezers
• Fans

Description
This device is an IGBT developed using an advanced proprietary trench gate
field-stop structure. This device is part of the H series of IGBTs, which represent
an optimum compromise between conduction and switching losses to maximize
the efficiency of high switching frequency converters. Moreover, a slightly positive
VCE(sat) temperature coefficient and very tight parameter distribution result in safer
paralleling operation.




Similar Part No. - STGD4H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Similar Description - STGD4H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
Trench gate field-stop IGBT, H series 600 V, 7 A high speed
05-Jun-2015
STGB10H60DF STMICROELECTRONICS-STGB10H60DF Datasheet
1Mb / 24P
Trench gate field-stop IGBT, H series 600 V, 10 A high speed
31-Oct-2013
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
17-Oct-2013
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
10-Feb-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com