Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGD4H60DF
Description  Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4H60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGD4H60DF Datasheet HTML 3Page - STMicroelectronics STGD4H60DF Datasheet HTML 4Page - STMicroelectronics STGD4H60DF Datasheet HTML 5Page - STMicroelectronics STGD4H60DF Datasheet HTML 6Page - STMicroelectronics STGD4H60DF Datasheet HTML 7Page - STMicroelectronics STGD4H60DF Datasheet HTML 8Page - STMicroelectronics STGD4H60DF Datasheet HTML 9Page - STMicroelectronics STGD4H60DF Datasheet HTML 10Page - STMicroelectronics STGD4H60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Figure 13. Gate charge vs. gate-emitter voltage
GADG170120221011GCGE
15
12
9
6
3
0
0
10
20
30
VGE
(V)
Qg (nC)
VCC = 480 V, IC = 3 A, IG = 5 mA
Figure 14. Switching energy vs collector current
GADG170120221011SLC
0.24
0.18
0.12
0.06
0.00
0
3
6
E
(mJ)
IC (A)
Eon
Eoff
VGE = 15 V, TJ= 175
Figure 15. Switching energy vs gate resistance
GADG170120221013SLG
0.17
0.14
0.11
0.08
0
100
200
300
E
(mJ)
RG (Ω)
Eon
Eoff
IC = 3 A VCC = 400 V
VGE = 15 V, TJ= 175
Figure 16. Switching energy vs temperature
GADG170120221012SLT
0.10
0.08
0.06
0.04
0.02
0
50
100
150
E
(mJ)
TJ (°C)
Eon
Eoff
IC = 3 A,
VGE = 15 V
Figure 17. Switching energy vs collector-emitter voltage
GADG170120221012SLV
0.12
0.10
0.08
0.06
250
350
450
E
(mJ)
VCE (V)
Eon
Eoff
IC = 3 A
VGE = 15 V, TJ= 175
Figure 18. Switching times vs collector current
GADG170120221014STC
10 2
10 1
0
3
6
t
(ns)
IC (A)
tr
td(off)
tf
td(on)
VGE = 15 V, TJ= 175
STGD4H60DF
Electrical characteristics (curves)
DS13901 - Rev 2
page 7/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com