Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGD4H60DF
Description  Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4H60DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGD4H60DF Datasheet HTML 1Page - STMicroelectronics STGD4H60DF Datasheet HTML 2Page - STMicroelectronics STGD4H60DF Datasheet HTML 3Page - STMicroelectronics STGD4H60DF Datasheet HTML 4Page - STMicroelectronics STGD4H60DF Datasheet HTML 5Page - STMicroelectronics STGD4H60DF Datasheet HTML 6Page - STMicroelectronics STGD4H60DF Datasheet HTML 7Page - STMicroelectronics STGD4H60DF Datasheet HTML 8Page - STMicroelectronics STGD4H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Power dissipation vs case temperature
GADG170120220955PDT
75
50
25
0
25
75
125
175
PTOT
(W)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 2. Collector current vs case temperature
GADG170120220956CCT
8
6
4
2
0
25
75
125
175
IC
(A)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 3. Output characteristics (TJ = 25°C)
GADG170120220957OC25
12
8
4
0
0
1
2
3
IC
(A)
VCE (V)
VGE=7 V
VGE=9 V
VGE=11 V
VGE=15 V
VGE=13 V
Figure 4. Output characteristics (TJ = 175°C)
GADG170120220957OC175
12
8
4
0
0
1
2
3
4
IC
(A)
VCE (V)
VGE=7 V
VGE=9 V
VGE=11 V
VGE=15 V
VGE=13 V
Figure 5. VCE(sat) vs junction temperature
GADG170120220958VCET
1.9
1.5
1.1
-50
0
50
100
150
VCE(sat)
(V)
TJ (°C)
IC=1.5 A
IC=3 A
IC=6 A
VGE=15 V
Figure 6. VCE(sat) vs collector current
GADG170120220958VCEC
3.0
2.6
2.2
1.8
1.4
1.0
0
4
8
12
VCE(sat)
(V)
IC (A)
TJ= -40 °C
TJ= 175 °C
TJ= 25 °C
STGD4H60DF
Electrical characteristics (curves)
DS13901 - Rev 2
page 5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com