Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGD4H60DF
Description  Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4H60DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGD4H60DF Datasheet HTML 7Page - STMicroelectronics STGD4H60DF Datasheet HTML 8Page - STMicroelectronics STGD4H60DF Datasheet HTML 9Page - STMicroelectronics STGD4H60DF Datasheet HTML 10Page - STMicroelectronics STGD4H60DF Datasheet HTML 11Page - STMicroelectronics STGD4H60DF Datasheet HTML 12Page - STMicroelectronics STGD4H60DF Datasheet HTML 13Page - STMicroelectronics STGD4H60DF Datasheet HTML 14Page - STMicroelectronics STGD4H60DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
DPAK (TO-252) type C2 package information
Figure 30. DPAK (TO-252) type C2 package outline
0068772_type-C2_rev31
STGD4H60DF
Package information
DS13901 - Rev 2
page 11/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com