Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGD4H60DF
Description  Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4H60DF Datasheet(HTML) 4 Page - STMicroelectronics

  STGD4H60DF Datasheet HTML 1Page - STMicroelectronics STGD4H60DF Datasheet HTML 2Page - STMicroelectronics STGD4H60DF Datasheet HTML 3Page - STMicroelectronics STGD4H60DF Datasheet HTML 4Page - STMicroelectronics STGD4H60DF Datasheet HTML 5Page - STMicroelectronics STGD4H60DF Datasheet HTML 6Page - STMicroelectronics STGD4H60DF Datasheet HTML 7Page - STMicroelectronics STGD4H60DF Datasheet HTML 8Page - STMicroelectronics STGD4H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Table 6. Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon(1)
Turn-on switching energy
VCE = 400 V, IC = 3 A,
RG = 47 Ω, VGE = 15 V
-
68
-
μJ
Eoff (2)
Turn-off switching energy
45
Ets
Total switching energy
113
Eon(1)
Turn-on switching energy
VCE = 400 V, IC = 3 A,
RG = 47 Ω, VGE = 15 V, TJ = 175 °C
105
Eoff(2)
Turn-off switching energy
92
Ets
Total switching energy
197
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
Table 7. Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on-voltage
IF = 1 A
1.3
V
IF = 3 A
-
1.75
-
IF = 3 A, TJ = 175 °C
1.3
IF = 4 A
1.85
trr
Reverse recovery time
VCC = 400 V; IF = 3 A;
diF/dt = 160 A / μs
-
73
-
ns
Qrr
Reverse recovery charge
66
nC
Irrm
Reverse recovery current
2.3
A
Err
Reverse recovery energy
9.9
μJ
trr
Reverse recovery time
VCC = 400 V; IF = 3 A;
diF/dt = 160 A / μs, TJ = 175 °C
118
ns
Qrr
Reverse recovery charge
206
nC
Irrm
Reverse recovery current
3.9
A
Err
Reverse recovery energy
41
μJ
STGD4H60DF
Electrical characteristics
DS13901 - Rev 2
page 4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com