Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGD4H60DF
Description  Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4H60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGD4H60DF Datasheet HTML 4Page - STMicroelectronics STGD4H60DF Datasheet HTML 5Page - STMicroelectronics STGD4H60DF Datasheet HTML 6Page - STMicroelectronics STGD4H60DF Datasheet HTML 7Page - STMicroelectronics STGD4H60DF Datasheet HTML 8Page - STMicroelectronics STGD4H60DF Datasheet HTML 9Page - STMicroelectronics STGD4H60DF Datasheet HTML 10Page - STMicroelectronics STGD4H60DF Datasheet HTML 11Page - STMicroelectronics STGD4H60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Figure 19. Switching times vs gate resistance
GADG180120220844STR
RG (Ω)
td(off)
102
101
0
100
200
300
t
(ns)
VGE = 15 V, TJ= 175
℃
IC = 3 A
td(on)
tr
tf
Figure 20. Reverse recovery current vs diode current
slope
GADG170120221018RRC
7
5
3
1
0
200
400
600
800
Irrm
(A)
di/dt (A/µs)
IF = 3 A,
Figure 21. Reverse recovery time vs diode current slope
GADG170120221017RRT
125
100
75
50
0
200
400
600
800
trr
(ns)
di/dt (A/µs)
IF = 3 A,
Figure 22. Reverse recovery charge vs diode current
slope
GADG170120221019RRQ
230
220
210
200
190
180
0
200
400
600
800
Qrr
(µC)
di/dt (A/µs)
IF = 3 A,
Figure 23. Reverse recovery energy vs diode current slope
GADG170120221020RRE
45
42
39
36
33
30
0
200
400
600
800
Err
(μJ)
di/dt (A/µs)
IF = 3 A,
STGD4H60DF
Electrical characteristics (curves)
DS13901 - Rev 2
page 8/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com