Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD4H60DF
Description  Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4H60DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGD4H60DF Datasheet HTML 2Page - STMicroelectronics STGD4H60DF Datasheet HTML 3Page - STMicroelectronics STGD4H60DF Datasheet HTML 4Page - STMicroelectronics STGD4H60DF Datasheet HTML 5Page - STMicroelectronics STGD4H60DF Datasheet HTML 6Page - STMicroelectronics STGD4H60DF Datasheet HTML 7Page - STMicroelectronics STGD4H60DF Datasheet HTML 8Page - STMicroelectronics STGD4H60DF Datasheet HTML 9Page - STMicroelectronics STGD4H60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Figure 7. Forward bias safe operating area
GADG180120220859FSOA
10 1
10 0
10 -1
10 -2
10 0
10 1
10 2
IC
(A)
VCE (V)
tp= 1 µs
tp= 10 µs
tp= 100 µs
tp= 1 ms
Single pulse, TC = 25 °C,
TJ ≤ 175 °C, VGE = 15 V
Figure 8. Transfer characteristics
GADG170120221008TCH
12
8
4
0
4
6
8
10
IC
(A)
VGE (V)
VCE = 6 V
TJ= 25 °C
TJ= 175 °C
Figure 9. Diode VF vs forward current
GADG170120221008DVF
3.2
2.4
1.6
0.8
0.0
0
4
8
12
VF
(V)
IF (A)
TJ= 25 °C
TJ= -40 °C
TJ= 175 °C
Figure 10. Normalized VGE(th) vs junction temperature
IGBT180515EI62NVGE
1.1
1.0
0.9
0.8
0.7
0.6
-50
0
50
100
150
V GE(th)
(norm.)
T J (°C)
IC = 250 μA, VCE = VGE
Figure 11. Normalized V(BR)CES vs junction temperature
IGBT150515EI62NVBR
1.1
1.0
0.9
-50
0
50
100
150
V BR(CES)
(norm.)
T J (°C)
I C = 2 mA
Figure 12. Capacitance variation
GADG170120221010CVR
10 3
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
VCE (V)
f = 1 MHz
Cies
Coes
Cres
STGD4H60DF
Electrical characteristics (curves)
DS13901 - Rev 2
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com